Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

T4H080TW Datasheet(PDF) 46 Page - ABB

No. de pieza T4H080TW
Descripción Electrónicos  Tmax Molded Case Circuit Breakers
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ABB [ABB]
Página de inicio  http://www.abb.com
Logo ABB - ABB

T4H080TW Datasheet(HTML) 46 Page - ABB

Back Button T4H080TW Datasheet HTML 42Page - ABB T4H080TW Datasheet HTML 43Page - ABB T4H080TW Datasheet HTML 44Page - ABB T4H080TW Datasheet HTML 45Page - ABB T4H080TW Datasheet HTML 46Page - ABB T4H080TW Datasheet HTML 47Page - ABB T4H080TW Datasheet HTML 48Page - ABB T4H080TW Datasheet HTML 49Page - ABB T4H080TW Datasheet HTML 50Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 81 page
background image
ABB
Discount Schedule DS-ST8
43
AC1615S - 03/10
T8
T8V
1600A / 2000A / 2500A / 3000A, 600VAC ∆
100% Rated Electronic (AC Only)
T8-1600A Frame, 100% Rated Electronic Trip Unit (AC Only)
Breaker
IC at
600VAC
Trip
Unit
Adjustment
3-Pole, 600VAC
Part Number
List
Price
T8VQ
100kA
PR331/P
LSI
T8VQ16CW
PR331/P
LSIG
T8VQ16EW
PR332/P
LI
T8VQ16PW
PR332/P
LSI
T8VQ16RW
PR332/P
LSIG
T8VQ16SW
T8-2000A Frame, 100% Rated Electronic Trip Unit (AC Only)
Breaker
IC at
600VAC
Trip
Unit
Adjustment
3-Pole, 600VAC
Part Number
List
Price
T8VQ
100kA
PR331/P
LSI
T8VQ20CW
PR331/P
LSIG
T8VQ20EW
PR332/P
LI
T8VQ20PW
PR332/P
LSI
T8VQ20RW
PR332/P
LSIG
T8VQ20SW
T8-2500A Frame, 100% Rated Electronic Trip Unit (AC Only)
Breaker
IC at
600VAC
Trip
Unit
Adjustment
3-Pole, 600VAC
Part Number
List
Price
T8VQ
100kA
PR331/P
LSI
T8VQ25CW
PR331/P
LSIG
T8VQ25EW
PR332/P
LI
T8VQ25PW
PR332/P
LSI
T8VQ25RW
PR332/P
LSIG
T8VQ25SW
Note: vertical terminals only
T8-3000A Frame, 100% Rated Electronic Trip Unit (AC Only)
Breaker
IC at
600VAC
Trip
Unit
Adjustment
3-Pole, 600VAC
Part Number
List
Price
T8VQ
100kA
PR331/P
LSI
T8VQ30CW
PR331/P
LSIG
T8VQ30EW
PR332/P
LI
T8VQ30PW
PR332/P
LSI
T8VQ30RW
PR332/P
LSIG
T8VQ30SW
Note: vertical terminals only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com