Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

T4H080TW Datasheet(PDF) 36 Page - ABB

No. de pieza T4H080TW
Descripción Electrónicos  Tmax Molded Case Circuit Breakers
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ABB [ABB]
Página de inicio  http://www.abb.com
Logo ABB - ABB

T4H080TW Datasheet(HTML) 36 Page - ABB

Back Button T4H080TW Datasheet HTML 32Page - ABB T4H080TW Datasheet HTML 33Page - ABB T4H080TW Datasheet HTML 34Page - ABB T4H080TW Datasheet HTML 35Page - ABB T4H080TW Datasheet HTML 36Page - ABB T4H080TW Datasheet HTML 37Page - ABB T4H080TW Datasheet HTML 38Page - ABB T4H080TW Datasheet HTML 39Page - ABB T4H080TW Datasheet HTML 40Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 81 page
background image
T7
T7M
1000A / 1200A, 600VAC ∆
Electronic (AC Only)
ABB
Discount Schedule DS-ST
33
AC1615S - 03/10
T7MS-1000A Frame, Electronic Trip Unit (AC Only)
Breaker
IC at
600VAC
Trip
Unit
Adjustment
3-Pole, 600VAC
Part Number
List
Price
4-Pole, 600VAC
Part Number
List
Price
T7MS
25kA
PR231/P
LS/I
T7MS1000BW
T7MS1000BW-4
PR232/P
LSI
T7MS1000CW
T7MS1000CW-4
PR331/P
LSIG
T7MS1000EW
T7MS1000EW-4
PR332/P
LI
T7MS1000PW
T7MS1000PW-4
PR332/P
LSI
T7MS1000RW
T7MS1000RW-4
PR332/P
LSIG
T7MS1000SW
T7MS1000SW-4
T7MS-1200A Frame, Electronic Trip Unit (AC Only)
Breaker
IC at
600VAC
Trip
Unit
Adjustment
3-Pole, 600VAC
Part Number
List
Price
4-Pole, 600VAC
Part Number
List
Price
T7MS
25kA
PR231/P
LS/I
T7MS1200BW
T7MS1200BW-4
PR232/P
LSI
T7MS1200CW
T7MS1200CW-4
PR331/P
LSIG
T7MS1200EW
T7MS1200EW-4
PR332/P
LI
T7MS1200PW
T7MS1200PW-4
PR332/P
LSI
T7MS1200RW
T7MS1200RW-4
PR332/P
LSIG
T7MS1200SW
T7MS1200SW-4
T7MH, 1000A Frame, Electronic Trip Unit (AC Only)
Breaker
IC at
600VAC
Trip
Unit
Adjustment
3-Pole, 600VAC
Part Number
List
Price
4-Pole, 600VAC
Part Number
List
Price
T7MH
50kA
PR231/P
LS/I
T7MH1000BW
T7MH1000BW-4
PR232/P
LSI
T7MH1000CW
T7MH1000CW-4
PR331/P
LSIG
T7MH1000EW
T7MH1000EW-4
PR332/P
LI
T7MH1000PW
T7MH1000PW-4
PR232/P
LSI
T7MH1000RW
T7MH1000RW-4
PR332/P
LSIG
T7MH1000SW
T7MH1000SW-4
T7MH-1200A Frame, Electronic Trip Unit (AC Only)
Breaker
IC at
600VAC
Trip
Unit
Adjustment
3-Pole, 600VAC
Part Number
List
Price
4-Pole, 600VAC
Part Number
List
Price
T7MH
50kA
PR231/P
LS/I
T7MH1200BW
T7MH1200BW-4
PR232/P
LSI
T7MH1200CW
T7MH1200CW-4
PR331/P
LSIG
T7MH1200EW
T7MH1200EW-4
PR332/P
LI
T7MH1200PW
T7MH1200PW-4
PR332/P
LSI
T7MH1200RW
T7MH1200RW-4
PR332/P
LSIG
T7MH1200SW
T7MH1200SW-4
T7ML-1000A Frame, Electronic Trip Unit (AC Only)
Breaker
IC at
600VAC
Trip
Unit
Adjustment
3-Pole, 600VAC
Part Number
List
Price
4-Pole, 600VAC
Part Number
List
Price
T7ML
65kA
PR231/P
LS/I
T7ML1000BW
T7ML1000BW-4
PR232/P
LSI
T7ML1000CW
T7ML1000CW-4
PR331/P
LSIG
T7ML1000EW
T7ML1000EW-4
PR332/P
LI
T7ML1000PW
T7ML1000PW-4
PR332/P
LSI
T7ML1000RW
T7ML1000RW-4
PR332/P
LSIG
T7ML1000SW
T7ML1000SW-4
T7ML-1200A Frame, Electronic Trip Unit (AC Only)
Breaker
IC at
600VAC
Trip
Unit
Adjustment
3-Pole, 600VAC
Part Number
List
Price
4-Pole, 600VAC
Part Number
List
Price
T7ML
65kA
PR231/P
LS/I
T7ML1200BW
T7ML1200BW-4
PR232/P
LSI
T7ML1200CW
T7ML1200CW-4
PR331/P
LSIG
T7ML1200EW
T7ML1200EW-4
PR332/P
LI
T7ML1200PW
T7ML1200PW-4
PR332/P
LSI
T7ML1200RW
T7ML1200RW-4
PR332/P
LSIG
T7ML1200SW
T7ML1200SW-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com