Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

T4H080TW Datasheet(PDF) 43 Page - ABB

No. de pieza T4H080TW
Descripción Electrónicos  Tmax Molded Case Circuit Breakers
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ABB [ABB]
Página de inicio  http://www.abb.com
Logo ABB - ABB

T4H080TW Datasheet(HTML) 43 Page - ABB

Back Button T4H080TW Datasheet HTML 39Page - ABB T4H080TW Datasheet HTML 40Page - ABB T4H080TW Datasheet HTML 41Page - ABB T4H080TW Datasheet HTML 42Page - ABB T4H080TW Datasheet HTML 43Page - ABB T4H080TW Datasheet HTML 44Page - ABB T4H080TW Datasheet HTML 45Page - ABB T4H080TW Datasheet HTML 46Page - ABB T4H080TW Datasheet HTML 47Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 81 page
background image
40
ABB
AC1615S - 03/10
(1)
Fixed part and accessories to be ordered separately
T7
T7 / T7M
1000A / 1200A, 600VAC ∆
Part-Numbering System
Locking Provisions:
X = None, A = Keylock,
B = Button guard,
C = Padlock Provision (open),
D = Withdrawable Position
Lock (Connected, test and
disconnected positions),
E = Withdrawable Position
Lock (Test and
disconnected positions)
Accessories
X = None,
A = Mechanical counter
Undervoltage:
0 = None, A = 24VAC/DC, B = 30VAC/DC,
C = 48VAC/DC, D = 60VAC/DC,
E = 110..120VAC/DC, F = 120..127VAC/DC,
G = 220..240VAC/DC, H = 240..250VAC/DC,
J = 380..400VAC, K = 415..440VAC
Closing Coil:
0 = None, A = 24VAC/DC, B = 30VAC/DC, C = 48VAC/DC,
D = 60VAC/DC, E = 110..120VAC/DC, F = 120..127VAC/DC,
G = 220..240VAC/DC, H = 240..250VAC/DC,
J = 380..400VAC, K = 415..440VAC
Shunt Trip:
0 = None, A = 24VAC/DC, B = 30VAC/DC, C = 48VAC/DC,
D = 60VAC/DC, E = 110..120VAC/DC, F = 120..127VAC/DC,
G = 220..240VAC/DC, H = 240..250VAC/DC,
J = 380..400VAC, K = 415..440VAC
Spring Charging Motor:
0 = None, A = 24..30VAC/DC, B = 48..60VAC/DC,
C = 100..130VAC/DC, D = 220..250VAC/DC,
E = 380..415VAC/DC
Aux Contacts:
0 = None, A = 1 Form C + 1BA 400VAC (T7), B = 1 Form C + 1BA 24VDC (T7),
C = 2 Form C 400VAC (T7-T7M), D = 2 Form C 24VDC (T7-T7M), E = S51 250VAC (T7),
F = S51 250VAC (T7M), G = A+C (T7), H = B+D (T7), I = C+E (T7), J = C+F (T7M),
K = D+E (T7), L = D+F (T7M), M = C+C (T7M), N = D+D (T7M)
Trip Unit Accessories:
0 = None, A = PR330V, B = PR330/D-M, C = A + B
Trip Unit:
X = Non-Automatic (MCS), B = PR231/P-LS/I, C = PR232/P-LSI, E = PR331/P-LSIG,
P = PR332/P-LI, R = PR332/P-LSI, S = PR332/P-LSIG
Rating Plug:
0 = None Non-Automatic (MCS), A = 400, B = 600, C = 800, D = 1000A, E = 1200
Frame Amp Rating:
1 = 1000A (toggle) 2 = 1200A (toggle) P =1000A (motorized) B =1200A (motorized)
Version:
B = UL Fixed, Q = UL Fixed 100% Rated, 0 = Fixed Non-Automatic (MCS)
W = UL Draw-out1, X = UL Draw-out 100%1, Y = Draw-out non-automatic (1)
Breaking Capacity
S, H, L
T7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com