Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

T4H080TW Datasheet(PDF) 56 Page - ABB

No. de pieza T4H080TW
Descripción Electrónicos  Tmax Molded Case Circuit Breakers
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ABB [ABB]
Página de inicio  http://www.abb.com
Logo ABB - ABB

T4H080TW Datasheet(HTML) 56 Page - ABB

Back Button T4H080TW Datasheet HTML 52Page - ABB T4H080TW Datasheet HTML 53Page - ABB T4H080TW Datasheet HTML 54Page - ABB T4H080TW Datasheet HTML 55Page - ABB T4H080TW Datasheet HTML 56Page - ABB T4H080TW Datasheet HTML 57Page - ABB T4H080TW Datasheet HTML 58Page - ABB T4H080TW Datasheet HTML 59Page - ABB T4H080TW Datasheet HTML 60Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 81 page
background image
ABB
53
AC1615S - 03/10
Acc.
Technical Data
Electrical Operators
Electrical Operator, T1-T3
Rated Voltage
AC
DC
-
48…60
110...250
110...250
Operating Voltage
85…110% Un
Inrush power absorption during operation
1800 (VA)
1000 (W)
Power on stand by
< 100 (mW)
Time
opening (s)
< 0.1
closing (s)
< 0.1
Minimum control impulse time on
opening and closing (ms)
>100
This unit is permanently supplied on stand by, a control is applied by means of external
contact in a low power circuit.
Contact characteristics: Voltage AC/DC=24V
Current 50 mA
Electrical Operator, Ts3
Rated Voltage
AC
DC
-24
-
48…60
120
125
240
250
440
-
Operating Voltage
85…110 % Un
Inrush power absorption
500 (VA)
500 (W)
Service power absorption
350 (VA)
350 (W)
Time constant (ms)
18
Duration
opening (s)
0.1
closing (s)
0.1
Minimum duration of the opening and closing
command impulse (ms)
≥150
Electrical Operator, T4-T5
Voltage
AC
DC
-24
-
48…60
110…125
110…125
220-250
220-250
380
-
Operating Voltage
85…110%
Inrush power consumption
≤ 300VA
≤ 300W
In service power consumption
≤150VA
≤150W
Duration
opening (s)
1.5
closing (s)
< 0.1
resetting (s)
3
Minimum duration of the opening and closing
command impulse (ms)
≥100
Electrical Operator, T6
Voltage
AC
DC
-24
-
48…60
110-125
110-125
220-250
220-250
380
-
Operating Voltage
85…110%
Inrush power consumption
≤ 400VA
≤ 400W
In service power consumption
≤150VA
≤150W
Duration
opening (s)
3
closing (s)
< 0.1
resetting (s)
5
Minimum duration of the opening and closing
command impulse (ms)
≥100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com