Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ACE25QC800GLDPTH Datasheet(PDF) 10 Page - ACE Technology Co., LTD.

No. de pieza ACE25QC800GLDPTH
Descripción Electrónicos  8M BIT SPI NOR FLASH
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ACE [ACE Technology Co., LTD.]
Página de inicio  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC800GLDPTH Datasheet(HTML) 10 Page - ACE Technology Co., LTD.

Back Button ACE25QC800GLDPTH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 9Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 10Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 11Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 12Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 13Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 14Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
ACE25QC800G
8M BIT SPI NOR FLASH
VER 1.2
10
Hold Condition
The Hold (/HOLD) signal is used to pause any serial communications with the device without resetting the
clocking sequence. During the Hold condition, the Serial Data Output (SO) is high impedance, and Serial
Data Input (SI) and Serial Clock (SCLK) are Don’t Care. To enter the Hold condition, the device must be
selected, with Chip Select (/CS) Low. Normally, the device is kept selected, for the whole duration of the
Hold condition. Deselecting the device while it is in the Hold condition, has the effect of resetting the state
of the device, and this mechanism can be used if it is required to reset any processes that had been in
progress.
The Hold condition starts when the Hold (/HOLD) signal is driven Low at the same time as Serial Clock
(SCLK) already being Low (as shown in Figure 1).
The Hold condition ends when the Hold (HOLD) signal is driven High at the same time as Serial Clock (C)
already being Low. Figure 1 also shows what happens if the rising and falling edges are not timed to
coincide with Serial Clock (SCLK) being Low.
Status Register
Status Register Table
See Table 3 for detail description of the Status Register bits.
Table3. Status Register
S15
S14
S13
S12
S11
S10
S9
S8
SUS1
CMP
LB3
LB2
LB1
SUS2
QE
SRP1
S7
S6
S5
S4
S3
S2
S1
S0
SRP0
BP4
BP3
BP2
BP1
BP0
WEL
WIP
Figure1. Hold condition activation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com