Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ACE25QC800GLDPTH Datasheet(PDF) 28 Page - ACE Technology Co., LTD.

No. de pieza ACE25QC800GLDPTH
Descripción Electrónicos  8M BIT SPI NOR FLASH
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ACE [ACE Technology Co., LTD.]
Página de inicio  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC800GLDPTH Datasheet(HTML) 28 Page - ACE Technology Co., LTD.

Back Button ACE25QC800GLDPTH Datasheet HTML 24Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 25Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 26Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 27Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 28Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 29Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 30Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 31Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 32Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 58 page
background image
ACE25QC800G
8M BIT SPI NOR FLASH
VER 1.2
28
Quad I/O Word Fast Read (E7H)
The Quad I/O Word Fast Read instruction is similar to the Quad Fast Read instruction except that the
lowest address bit (A0) must eQuad 0 and 2-dummy clock. The instruction sequence is shown in the
followed Figure15, the first byte addressed can be at any location. The address is automatically
incremented to the next higher address after each byte of data is shifted out. The Quad Enable bit (QE) of
Status Register (S9) must be set to enable for the Quad I/O Word Fast Read instruction.
Quad I/O Word Fast Read with “Continuous Read Mode”
The Quad I/O Word Fast Read instruction can further reduce instruction overhead through setting the
“Continuous Read Mode” bits (M7-0) after the input 3-byte Address bits (A23-0). If the “Continuous Read
Mode” bits (M5-4) = (1, 0), then the next Quad I/O Fast Read instruction (after
/CS is raised and then lowered) does not require the E7H instruction code, the instruction sequence is
shown in the followed Figure 16. If the “Continuous Read Mode” bits M5-4 do not eQuad to (1,0), the next
instruction requires the first E7H instruction code, thus returning to normal operation. A “Continuous Read
Mode” Reset command can also be used to reset (M5-4) before issuing normal command.
Figure15. Quad I/O Word Fast Read Sequence Diagram (Initial command or previous (M5-
4)≠ (1,0))
Figure16. Quad I/O word Fast Read Sequence Diagram (Previous command set (M5-4) =(1,0))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com