Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ACE25QC800GLDPTH Datasheet(PDF) 47 Page - ACE Technology Co., LTD.

No. de pieza ACE25QC800GLDPTH
Descripción Electrónicos  8M BIT SPI NOR FLASH
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ACE [ACE Technology Co., LTD.]
Página de inicio  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC800GLDPTH Datasheet(HTML) 47 Page - ACE Technology Co., LTD.

Back Button ACE25QC800GLDPTH Datasheet HTML 43Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 44Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 45Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 46Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 47Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 48Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 49Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 50Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 51Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 58 page
background image
ACE25QC800G
8M BIT SPI NOR FLASH
VER 1.2
47
Erase / Program Resume (7AH)
The Erase/Program Resume instruction “7Ah” must be written to resume the Sector or Block Erase
operation or the Page Program operation after an Erase/Program Suspend. The Resume instruction “7AH”
will be accepted by the device only if the SUS bit in the Status Register equals to 1 and the WIP bit equals
to 0.
After the Resume instruction is issued the SUS bit will be cleared from 1 to 0 immediately, the WIP bit will be
set from 0 to 1 within 200 ns and the Sector or Block will complete the erase operation or the page will
complete the program operation. If the SUS bit equals to 0 or the WIP bit equals to 1, the Resume
instruction “7Ah” will be ignored by the device. The Erase/Program Resume instruction sequence is shown
in Figure 38.
Exit QPI Mode (FFH)
In order to exit the QPI mode and return to the Standard/Dual/Quad SPI mode, an “Exit QPI (FFh)”
instruction must be issued.
When the device is switched from QPI mode to SPI mode, the existing Write Enable Latch (WEL) and
Erase Suspend status, and the Wrap Length setting will remain unchanged.
Figure38. Erase/Program Resume Command Sequence
Figure39. Exit QPI Instruction (QPI Mode only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com