Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ACE25QC800GLDPTH Datasheet(PDF) 16 Page - ACE Technology Co., LTD.

No. de pieza ACE25QC800GLDPTH
Descripción Electrónicos  8M BIT SPI NOR FLASH
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ACE [ACE Technology Co., LTD.]
Página de inicio  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC800GLDPTH Datasheet(HTML) 16 Page - ACE Technology Co., LTD.

Back Button ACE25QC800GLDPTH Datasheet HTML 12Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 13Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 14Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 15Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 16Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 17Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 18Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 19Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 20Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 58 page
background image
ACE25QC800G
8M BIT SPI NOR FLASH
VER 1.2
16
Device Identification
Three legacy Instructions are supported to access device identification that can indicate the manufacturer,
device type, and capacity (density). The returned data bytes provide the information as shown in the below
table.
Table7. ACE25QC800G ID Definition table
Operation Code
M7-M0
ID15-ID8
ID7-ID0
9FH
68
40
14
90H/92H/94H
68
13
ABH
13
Instructions Description
All instructions, addresses and data are shifted in and out of the device, beginning with the most significant
bit on the first rising edge of SCLK after /CS is driven low. Then, the one byte instruction code must be
shifted in to the device, most significant bit first on SI, each bit being latched on the rising edges of SCLK.
See Table 8, every instruction sequence starts with a one-byte instruction code. Depending on the
instruction, this might be followed by address bytes, or by data bytes, or by both or none. /CS must be
driven high after the last bit of the instruction sequence has been shifted in. For the instruction of Read,
Fast Read, Read Status Register or Release from Deep Power Down, and Read Device ID, the shifted-in
instruction sequence is followed by a data out sequence. /CS can be driven high after any bit of the
data-out sequence is being shifted out.
For the instruction of Page Program, Sector Erase, Block Erase, Chip Erase, Write Status Register, Write
Enable, Write Disable or Deep Power-Down instruction, /CS must be driven high exactly at a byte boundary,
otherwise the instruction is rejected, and is not executed. That is /CS must driven high when the number of
clock pulses after /CS being driven low is an exact multiple of eight. For Page Program, if at any time the
input byte is not a full byte, nothing will happen and WEL will not be reset.
Table8. Instruction Set Table
Instruction Name
Byte 1
Byte 2
Byte 3
Byte 4
Byte 5
Byte 6
N-Bytes
Write Enable
06H
Write Disable
04H
Read Status
Register-1
05H
(S7-S0)
continuous
Read Status
Register-2
35H
(S15-S8)
continuous
Write Enable for
Volatile Status
Register
50H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com