Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ACE25QC800GLDPTH Datasheet(PDF) 21 Page - ACE Technology Co., LTD.

No. de pieza ACE25QC800GLDPTH
Descripción Electrónicos  8M BIT SPI NOR FLASH
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ACE [ACE Technology Co., LTD.]
Página de inicio  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC800GLDPTH Datasheet(HTML) 21 Page - ACE Technology Co., LTD.

Back Button ACE25QC800GLDPTH Datasheet HTML 17Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 18Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 19Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 20Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 21Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 22Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 23Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 24Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 25Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
ACE25QC800G
8M BIT SPI NOR FLASH
VER 1.2
21
Read Status Register (05H or 35H)
See Figure 4 the Read Status Register (RDSR) instruction is for reading the Status Register. The Status
Register may be read at any time, even while a Program, Erase or Write Status Register cycle is in
progress. When one of these cycles is in progress, it is recommended to check the Write in Progress (WIP)
bit before sending a new instruction to the device. It is also possible to read the Status Register
continuously. For instruction code “05H”, the SO will output Status Register bits S7~S0. The instruction
code “35H”, the SO will output Status Register bits S15~S8, The instruction code “15H”, the SO will output
Status Register bits S23~16.
Write Status Register (01H or 31H)
See Figure 5, the Write Status Register instruction allows new values to be written to the Status Register.
Before it can be accepted, a Write Enable instruction must previously have been executed. After the Write
Enable instruction has been decoded and executed, the device sets the Write Enable Latch (WEL).
The Write Status Register instruction has no effect on S23, S20, S19, S18, S17, S16, S15, S1 and S0 of
the Status Register. /CS must be driven high after the eighth bit of the data byte has been latched in. If not,
the Write Status Register instruction is not executed. As soon as /CS is driven high, the self-timed Write
Status Register cycle (whose duration is tW) is initiated. While the Write Status Register cycle is in progress,
the Status Register may still be read to check the value of the Write in Progress (WIP) bit. The Write in
Progress (WIP) bit is 1 during the self-timed Write Status Register cycle, and is 0 when it is completed.
When the cycle is completed, the Write Enable Latch is reset.
The Write Status Register instruction allows the user to change the values of the Block Protect (BP4, BP3,
BP2, BP1, BP0) bits, to define the size of the area that is to be treated as read-only, as defined in Table 3.
The Write Status Register instruction also allows the user to set or reset the Status Register Protect (SRP1
and SRP0) bits in accordance with the Write Protect (/WP) signal. The Status Register Protect (SRP1 and
SRP0) bits and Write Protect (/WP) signal allow the device to be put in the Hardware Protected Mode. The
Write Status Register instruction is not executed once the Hardware Protected Mode is entered.
Figure4. Read Status Register Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com