Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ACE25QC800GLDPTH Datasheet(PDF) 26 Page - ACE Technology Co., LTD.

No. de pieza ACE25QC800GLDPTH
Descripción Electrónicos  8M BIT SPI NOR FLASH
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ACE [ACE Technology Co., LTD.]
Página de inicio  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC800GLDPTH Datasheet(HTML) 26 Page - ACE Technology Co., LTD.

Back Button ACE25QC800GLDPTH Datasheet HTML 22Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 23Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 24Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 25Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 26Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 27Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 28Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 29Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 30Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 58 page
background image
ACE25QC800G
8M BIT SPI NOR FLASH
VER 1.2
26
Quad I/O Fast Read (EBH)
See Figure 13, the Quad I/O Fast Read instruction is similar to the Dual I/O Fast Read instruction but with
the capability to input the 3-byte address (A23-0) and a “Continuous Read Mode” byte and 4-dummy clock
4-bit per clock by IO0, IO1, IO3, IO4, each bit being latched in during the rising edge of SCLK, then the
memory contents are shifted out 4-bit per clock cycle from IO0, IO1, IO2, IO3. The first byte addressed can
be at any location. The address is automatically incremented to the next higher address after each byte of
data is shifted out. The Quad Enable bit (QE) of Status Register must be set to enable for the Quad I/O Fast
read instruction.
Quad I/O Fast Read with “Continuous Read Mode”
The Quad I/O Fast Read instruction can further reduce instruction overhead through setting the
“Continuous Read Mode” bits (M7-0) after the input Address bits (A23-0), as shown in Figure 13, If the
“Continuous Read Mode” bits (M5-4 )= (1,0), then the next Fast Read Quad I/O instruction(after /CS is
raised and then lowered) does not require the EBH instruction code, The instruction sequence is shown in
the followed Figure 14. If the “Continuous Read Mode” bits M5-4 do not eQuad to (1,0), the next instruction
requires the first EBH instruction code, thus returning to normal operation. A “Continuous Read Mode”
Reset command can also be used to reset (M5-4) before issuing normal command.
Figure12. Dual I/O Fast Read Sequence Diagram (Previous command set (M5-4) =(1,0))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com