Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ACE25QC800GLDPTH Datasheet(PDF) 23 Page - ACE Technology Co., LTD.

No. de pieza ACE25QC800GLDPTH
Descripción Electrónicos  8M BIT SPI NOR FLASH
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ACE [ACE Technology Co., LTD.]
Página de inicio  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC800GLDPTH Datasheet(HTML) 23 Page - ACE Technology Co., LTD.

Back Button ACE25QC800GLDPTH Datasheet HTML 19Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 20Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 21Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 22Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 23Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 24Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 25Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 26Page - ACE Technology Co., LTD. ACE25QC800GLDPTH Datasheet HTML 27Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 58 page
background image
ACE25QC800G
8M BIT SPI NOR FLASH
VER 1.2
23
Read Instructions
Read Data (03H)
See Figure 7, the Read Data Bytes (READ) instruction is followed by a 3-byte address (A23-A0), each bit
being latched-in during the rising edge of SCLK. Then the memory content, at that address, is shifted out
on SO, each bit being shifted out, at a Max frequency fR, during the falling edge of SCLK. The address is
automatically incremented to the next higher address after each byte of data is shifted out allowing for a
continuous stream of data. This means that the entire memory can be accessed with a single command as
long as the clock continues. The command is completed by driving /CS high. The whole memory can be
read with a single Read Data Bytes (READ) instruction. Any Read Data Bytes (READ) instruction, while an
Erase, Program or Write cycle is in progress, is rejected without having any effects on the cycle that is in
progress.
Fast Read (0BH)
See Figure 8, the Read Data Bytes at Higher Speed (Fast Read) instruction is for quickly reading data out. It
is followed by a 3-byte address (A23-A0) and a dummy byte, each bit being latched-in during the rising
edge of SCLK. Then the memory content, at that address, is shifted out on SO, each bit being shifted out,
at a Max frequency fc, during the falling edge of SCLK. The first byte addressed can be at any location. The
address is automatically incremented to the next higher address after each byte of data is shifted out.
Figure7. Read Data Bytes Sequence Diagram
Figure8. Fast Read Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com