Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC7660 Datasheet(PDF) 5 Page - ON Semiconductor

No. de pieza MC7660
Descripción Electrónicos  Charge Pump DC-to-DC Voltage Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC7660 Datasheet(HTML) 5 Page - ON Semiconductor

  MC7660 Datasheet HTML 1Page - ON Semiconductor MC7660 Datasheet HTML 2Page - ON Semiconductor MC7660 Datasheet HTML 3Page - ON Semiconductor MC7660 Datasheet HTML 4Page - ON Semiconductor MC7660 Datasheet HTML 5Page - ON Semiconductor MC7660 Datasheet HTML 6Page - ON Semiconductor MC7660 Datasheet HTML 7Page - ON Semiconductor MC7660 Datasheet HTML 8Page - ON Semiconductor MC7660 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MC7660
http://onsemi.com
5
Figure 5. Increased Output Voltage by Cascading Devices
MC7660
1
2
3
4
8
7
6
5
V+
MC7660
1
2
3
4
8
7
6
5
+
10
mF
+
10
mF
10
mF
+
VOUT*
*NOTE:
VOUT = –n V+ for 1.5 V ≤ V+ ≤ 10 V
“1”
“n”
Figure 6. External Clocking
MC7660
1
2
3
4
8
7
6
5
V+
+
+
10
mF
VOUT
V+
1 k
W
CMOS
GATE
10
mF
Figure 7. Lowering Oscillator Frequency
MC7660
1
2
3
4
8
7
6
5
V+
C1
+
+
C2
VOUT
COSC
Positive Voltage Multiplication
The MC7660 may be employed to achieve positive
voltage multiplication using the circuit shown in Figure 8.
In this application, the pump inverter switches of the
MC7660 are used to charge C1 to a voltage level of V+ – VF
(where V+ is the supply voltage and VF is the forward voltage
drop of diode D1). On the transfer cycle, the voltage on C1
plus the supply voltage (V+) is applied through diode D2 to
capacitor C2. The voltage thus created on C2 becomes (2 V+)
– (2 VF), or twice the supply voltage minus the combined
forward voltage drops of diodes D1 and D2.
The source impedance of the output (VOUT) will depend on
the output current, but for V+ = 5V and an output current of
10 mA, it will be approximately 60
W.
Figure 8. Positive Voltage Multiplier
MC7660
1
2
3
4
8
7
6
5
V+
+
C2
VOUT =
(2 V+) – (2 VF)
D1
C1
D2
+
Combined Negative Voltage Conversion and Positive
Supply Multiplication
Figure 9 combines the functions shown in Figures 3 and
8 to provide negative voltage conversion and positive
voltage multiplication simultaneously. This approach would
be, for example, suitable for generating +9V and –5V from
an existing +5V supply. In this instance, capacitors C1 and
C3 perform the pump and reservoir functions, respectively,
for the generation of the negative voltage, while capacitors
C2 and C4 are pump and reservoir, respectively, for the
multiplied positive voltage. There is a penalty in this
configuration which combines both functions, however, in
that the source impedances of the generated supplies will be
somewhat higher due to the finite impedance of the common
charge pump driver at pin 2 of the device.
Figure 9. Combined Negative Converter and
Positive Muliplier
MC7660
1
2
3
4
8
7
6
5
V+
+
C4
VOUT =
–(V+ – VF)
D1
D2
+
C3
VOUT =
(2 V+) – (2 VF)
+
C2
+
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com