Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC7660 Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza MC7660
Descripción Electrónicos  Charge Pump DC-to-DC Voltage Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC7660 Datasheet(HTML) 4 Page - ON Semiconductor

  MC7660 Datasheet HTML 1Page - ON Semiconductor MC7660 Datasheet HTML 2Page - ON Semiconductor MC7660 Datasheet HTML 3Page - ON Semiconductor MC7660 Datasheet HTML 4Page - ON Semiconductor MC7660 Datasheet HTML 5Page - ON Semiconductor MC7660 Datasheet HTML 6Page - ON Semiconductor MC7660 Datasheet HTML 7Page - ON Semiconductor MC7660 Datasheet HTML 8Page - ON Semiconductor MC7660 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MC7660
http://onsemi.com
4
Simple Negative Voltage Converter
Figure 3 shows typical connections to provide a negative
supply where a positive supply is available. A similar
scheme may be employed for supply voltages anywhere in
the operating range of +1.5V to +10V, keeping in mind that
pin 6 (LV) is tied to the supply negative (GND) only for
supply voltages below 3.5V.
The output characteristics of the circuit in Figure 3 are
those of a nearly ideal voltage source in series with 70
W.
Thus, for a load current of –10mA and a supply voltage of
+5V, the output voltage would be –4.3V.
The dynamic output impedance of the MC7660 is due,
primarily, to capacitive reactance of the charge transfer
capacitor (C1). Since this capacitor is connected to the output
for only 1/2 of the cycle, the equation is:
X
C +
2
2
pfC
1
+ 3.18W,
where f = 10kHz and C1 = 10
µF.
Figure 3. Simple Negative Converter
MC7660
1
2
3
4
8
7
6
5
+
+
V+
C1
10
mF
C2
10
mF
VOUT
Parallel Devices
Any number of MC7660 voltage converters may be
paralleled to reduce output resistance (Figure 4). The
reservoir capacitor, C2, serves all devices, while each device
requires its own pump capacitor, C1. The resultant output
resistance would be approximately:
R
OUT +
R
OUT
(of MC7660)
n (number of devices)
Figure 4. Paralleling Devices Lowers Output Impedance
MC7660
1
2
3
4
8
7
6
5
V+
C1
MC7660
1
2
3
4
8
7
6
5
+
C1
C2
RL
Cascading Devices
The MC7660 may be cascaded as shown (Figure 5) to
produce larger negative multiplication of the initial supply
voltage. However, due to the finite efficiency of each device,
the practical limit is 10 devices for light loads. The output
voltage is defined by:
VOUT = –n (VIN)
where n is an integer representing the number of devices
cascaded. The resulting output resistance would be
approximately the weighted sum of the individual MC7660
ROUT values.
Changing the MC7660 Oscillator Frequency
It may be desirable in some applications (due to noise or
other considerations) to increase the oscillator frequency.
This is achieved by overdriving the oscillator from an
external clock, as shown in Figure 6. In order to prevent
possible device latch–up, a 1k
W resistor must be used in
series with the clock output. In a situation where the designer
has generated the external clock frequency using TTL logic,
the addition of a 10k
W pull–up resistor to V+ supply is
required. Note that the pump frequency with external
clocking, as with internal clocking, will be 1/2 of the clock
frequency. Output transitions occur on the positive–going
edge of the clock.
It is also possible to increase the conversion efficiency of
the MC7660 at low load levels by lowering the oscillator
frequency. This reduces the switching losses, and is
achieved by connecting an additional capacitor, COSC, as
shown in Figure 7. Lowering the oscillator frequency will
cause an undesirable increase in the impedance of the pump
(C1) and the reservoir (C2) capacitors. To overcome this,
increase the values of C1 and C2 by the same factor that the
frequency has been reduced. For example, the addition of a
100pF capacitor between pin 7 (OSC) and pin 8 (V+) will
lower the oscillator frequency to 1kHz from its nominal
frequency of 10kHz (a multiple of 10), and necessitate a
corresponding increase in the values of C1 and C2 (from
10
µF to 100µF).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com