Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC7660 Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza MC7660
Descripción Electrónicos  Charge Pump DC-to-DC Voltage Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC7660 Datasheet(HTML) 2 Page - ON Semiconductor

  MC7660 Datasheet HTML 1Page - ON Semiconductor MC7660 Datasheet HTML 2Page - ON Semiconductor MC7660 Datasheet HTML 3Page - ON Semiconductor MC7660 Datasheet HTML 4Page - ON Semiconductor MC7660 Datasheet HTML 5Page - ON Semiconductor MC7660 Datasheet HTML 6Page - ON Semiconductor MC7660 Datasheet HTML 7Page - ON Semiconductor MC7660 Datasheet HTML 8Page - ON Semiconductor MC7660 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MC7660
http://onsemi.com
2
ABSOLUTE MAXIMUM RATINGS*
Parameter
Value
Unit
Supply Voltage
+10.5
V
LV and OSC Inputs Voltage (Note 1.)
V+ < 5.5V
V+ > 5.5V
–0.3 to (V+ + 0.3)
(V+ – 5.5) to (V+ + 0.3)
V
Current Into LV (Note 1.) V+ > 3.5V
20
µA
Output Short Duration (VSUPPLY ≤ 5.5V)
Continuous
Power Dissipation (TA ≤ 70°C)
Derate above 50
°C
470
5.5
mW
mW/
°C
Operating Temperature Range
–40 to +85
°C
Storage Temperature Range
–65 to +150
°C
Lead Temperature (Soldering, 10 Seconds)
+300
°C
* Maximum Ratings are those values beyond which damage to the device may occur.
1. Connecting any input terminal to voltages greater than V+ or less than GND may cause destructive latch–up. It is recommended that no inputs
from sources operating from external supplies be applied prior to ”power up” of the MC7660.
ELECTRICAL CHARACTERISTICS (Specifications Measured Over Operating Temperature Range, V+ = 5V, COSC = 0,
Test Circuit (Figure 1), unless otherwise noted.
Symbol
Characteristic
Min
Typ
Max
Unit
I+
Supply Current (RL = R)
80
180
µA
V+H
Supply Voltage Range, High
(–40
°C ≤ TA ≤ +85°C, RL = 10 kW, LV Open)
3.0
10
V
V+L
Supply Voltage Range, Low
(–40
°C ≤ TA ≤ +85°C, RL = 10 kW, LV to GND)
1.5
3.5
V
ROUT
Output Source Resistance
IOUT = 20mA, TA = 25°C
IOUT = 20mA, 0°C ≤ TA ≤ +70°C
IOUT = 20mA, –40°C ≤ TA ≤ +85°C
V+ =2V, IOUT = 3 mA, LV to GND, 0°C ≤ TA ≤ +70°C
70
150
100
120
130
300
W
FOSC
Oscillator Frequency (Pin 7 Open)
10
kHz
PEFF
Power Efficiency (RL = 5kW)
95
98
%
VOUT EFF
Voltage Conversion Efficiency
97
99.9
%
ZOSC
Oscillator Impedance
V+ = 2V
V+ = 5V
1000
100
k
W
*NOTE:
For large values of COSC (>1000 pF), the values
of C1 and C2 should be increased to 100
mF.
MC7660
1
2
3
4
8
7
6
5
+
+
V+
COSC*
C1
10
mF
C2
10
mF
IS
VO
IL
RL
(+6 V)
Figure 1. MC7660 Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com