Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC7660 Datasheet(PDF) 6 Page - ON Semiconductor

No. de pieza MC7660
Descripción Electrónicos  Charge Pump DC-to-DC Voltage Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC7660 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC7660 Datasheet HTML 2Page - ON Semiconductor MC7660 Datasheet HTML 3Page - ON Semiconductor MC7660 Datasheet HTML 4Page - ON Semiconductor MC7660 Datasheet HTML 5Page - ON Semiconductor MC7660 Datasheet HTML 6Page - ON Semiconductor MC7660 Datasheet HTML 7Page - ON Semiconductor MC7660 Datasheet HTML 8Page - ON Semiconductor MC7660 Datasheet HTML 9Page - ON Semiconductor MC7660 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MC7660
http://onsemi.com
6
Efficient Positive Voltage Multiplication/Conversion
Since the switches that allow the charge pumping
operation are bidirectional, the charge transfer can be
performed backwards as easily as forwards. Figure 10 shows
a MC7660 transforming –5V to +5V (or +5V to +10V, etc.).
The only problem here is that the internal clock and
switch–drive section will not operate until some positive
voltage has been generated. An initial inefficient pump, as
shown in Figure 9, could be used to start this circuit up, after
which it will bypass the other (D1 and D2 in Figure 9 would
never turn on), or else the diode and resistor shown dotted
in Figure 10 can be used to ”force” the internal regulator on.
Figure 10. Positive Voltage Conversion
MC7660
1
2
3
4
8
7
6
5
VOUT = –V–
C1
+
V– INPUT
+
10
mF
1 M
W
10
mF
Voltage Splitting
The same bidirectional characteristics used in Figure 10
can also be used to split a higher supply in half, as shown in
Figure 11. The combined load will be evenly shared between
the two sides. Once again, a high value resistor to the LV pin
ensures start–up. Because the switches share the load in
parallel, the output impedance is much lower than in the
standard circuits, and higher currents can be drawn from the
device. By using this circuit, and then the circuit of Figure
5, +15V can be converted (via +7.5V and –7.5V) to a
nominal –15V, though with rather high series resistance
(~250
W).
Figure 11. Splitting a Supply in Half
MC7660
1
2
3
4
8
7
6
5
1 M
W
100 k
W
100 k
W
50
mF
50
mF
+
50
mF
+
+
RL1
RL2
V
OUT +
V)
* V
2
V–
V+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com