Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC7660 Datasheet(PDF) 7 Page - ON Semiconductor

No. de pieza MC7660
Descripción Electrónicos  Charge Pump DC-to-DC Voltage Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC7660 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC7660 Datasheet HTML 3Page - ON Semiconductor MC7660 Datasheet HTML 4Page - ON Semiconductor MC7660 Datasheet HTML 5Page - ON Semiconductor MC7660 Datasheet HTML 6Page - ON Semiconductor MC7660 Datasheet HTML 7Page - ON Semiconductor MC7660 Datasheet HTML 8Page - ON Semiconductor MC7660 Datasheet HTML 9Page - ON Semiconductor MC7660 Datasheet HTML 10Page - ON Semiconductor MC7660 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MC7660
http://onsemi.com
7
TYPICAL PERFORMANCE CHARACTERISTICS
SUPPLY VOLTAGE RANGE
TEMPERATURE (
°C)
–55
–25
0
25
50
75
125
0
2
4
6
8
10
12
Figure 12. Operating Voltage versus
Temperature
IOUT = 1 mA
100
1 k
10 k
80
84
88
92
100
OSCILLATOR FREQUENCY (Hz)
Figure 13. Power Conversion Efficiency
versus Oscillator Frequency
SUPPLY VOLTAGE (VOLTS)
01
23
4
6
8
10 k
Figure 14. Output Source Resistance versus
Supply Voltage
TEMPERATURE (
°C)
–55
–25
0
25
50
75
125
0
100
50
150
200
350
Figure 15. Output Source Resistance
versus Temperature
250
300
Figure 16. Frequency of Oscillation versus
Oscillator Capacitance
OSCILLATOR CAPACITANCE (pF)
1
10
100
1000
10 k
10
100
1 k
10 k
96
Figure 17. Unloaded Oscillator Frequency
versus Temperature
100
IOUT = 15 mA
TA = +25°C
V+ = +5 V
57
10
100
1 k
TA = +25°C
100
IOUT = 1 mA
V+ = +2 V
V+ = +5 V
TEMPERATURE (
°C)
–55
–25
0
25
50
75
125
6
10
8
12
14
20
16
18
100
V+ = +5 V
TA = +25°C
V+ = +5 V
82
86
90
94
98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com