Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC7660 Datasheet(PDF) 8 Page - ON Semiconductor

No. de pieza MC7660
Descripción Electrónicos  Charge Pump DC-to-DC Voltage Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC7660 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MC7660 Datasheet HTML 4Page - ON Semiconductor MC7660 Datasheet HTML 5Page - ON Semiconductor MC7660 Datasheet HTML 6Page - ON Semiconductor MC7660 Datasheet HTML 7Page - ON Semiconductor MC7660 Datasheet HTML 8Page - ON Semiconductor MC7660 Datasheet HTML 9Page - ON Semiconductor MC7660 Datasheet HTML 10Page - ON Semiconductor MC7660 Datasheet HTML 11Page - ON Semiconductor MC7660 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MC7660
http://onsemi.com
8
TYPICAL CHARACTERISTICS (Cont.)
OUTPUT CURRENT (mA)
010
20
30
50
60
40
–10
–9
–8
–7
–6
–5
0
Figure 18. Output Voltage versus
Output Current
010
80
–5
–4
–3
0
5
LOAD CURRENT (mA)
Figure 19. Output Voltage versus
Load Current
LOAD CURRENT (mA)
0
1.5
3.0
4.5
6.0
9.0
100
Figure 20. Supply Current and Power
Conversion Efficiency versus Load Current
Figure 21. Supply Current and Power
Conversion Efficiency versus Load Current
4
Figure 22. Output Voltage versus Load Current
100
SLOPE 55
W
TA = +25°C
V+ = +5 V
7.5
10
LOAD CURRENT (mA)
01
2
3
4
5
8
–2
–1
0
2
1
67
80
90
70
–4
–3
–2
–1
TA = +25°C
LV OPEN
20
30
40
50
60
70
–2
–1
3
1
2
0
20
30
40
50
60
70
80
90
20
18
16
14
12
10
8
6
4
2
0
TA = +25°C
V+ = +2 V
LOAD CURRENT (mA)
0
102030
40
60
100
50
10
0
20
30
40
50
60
70
80
90
100
90
80
70
60
50
40
30
20
10
0
TA = +25°C
V+ = +5 V
TA = +25°C
V+ = +2 V
SLOPE 150
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com