Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS1180 Datasheet(PDF) 1 Page - Core Technology (Shenzhen) Co., Ltd.

No. de pieza CS1180
Descripción Electrónicos  20-bit Sigma-Delta ADC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CHIPSEA [Core Technology (Shenzhen) Co., Ltd.]
Página de inicio  http://www.chipsea.com/
Logo CHIPSEA - Core Technology (Shenzhen) Co., Ltd.

CS1180 Datasheet(HTML) 1 Page - Core Technology (Shenzhen) Co., Ltd.

  CS1180 Datasheet HTML 1Page - Core Technology (Shenzhen) Co., Ltd. CS1180 Datasheet HTML 2Page - Core Technology (Shenzhen) Co., Ltd. CS1180 Datasheet HTML 3Page - Core Technology (Shenzhen) Co., Ltd. CS1180 Datasheet HTML 4Page - Core Technology (Shenzhen) Co., Ltd. CS1180 Datasheet HTML 5Page - Core Technology (Shenzhen) Co., Ltd. CS1180 Datasheet HTML 6Page - Core Technology (Shenzhen) Co., Ltd. CS1180 Datasheet HTML 7Page - Core Technology (Shenzhen) Co., Ltd. CS1180 Datasheet HTML 8Page - Core Technology (Shenzhen) Co., Ltd. CS1180 Datasheet HTML 9Page - Core Technology (Shenzhen) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
R
Re
ev
v 1
1..1
1
11
3300
CS1180 用户手册
20-bit Sigma-Delta ADC
Rev 1.1
通讯地址:深圳市南山区蛇口南海大道 1079 号花园城数码大厦 A 座 9 楼
邮政编码:518067
公司电话:+(86 755)86169257
真:+(86 755)86169057
公司网站:www.chipsea.com
微 信 号:芯海科技
微信二维码:


Número de pieza similar - CS1180

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TDK Electronics
CS11-E2GA222MYGSA TDK-CS11-E2GA222MYGSA Datasheet
93Kb / 4P
Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
CS11-E2GA222MYNSA TDK-CS11-E2GA222MYNSA Datasheet
93Kb / 4P
Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
CS11-E2GA222MYVSA TDK-CS11-E2GA222MYVSA Datasheet
93Kb / 4P
Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
logo
Campbell Scientific Uni...
CS110 CAMPBELL-CS110 Datasheet
641Kb / 2P
Electric Field Meter Sensor
12/12/2019
logo
List of Unclassifed Man...
CS1100 ETC-CS1100 Datasheet
169Kb / 2P
Powerline Networking Chipset
More results

Descripción similar - CS1180

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS5510 CIRRUS-CS5510 Datasheet
406Kb / 24P
16-bit and 20-bit, 8-pin Sigma-Delta ADC
logo
Analog Devices
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
16-Bit, Sigma-Delta ADC
REV. D
logo
List of Unclassifed Man...
PXIE-9529 ETC2-PXIE-9529 Datasheet
199Kb / 1P
24-Bit Sigma-Delta ADC
logo
Analog Devices
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
16-Bit, Sigma-Delta ADC
23-Feb-2017
logo
Core Technology (Shenzh...
CS1231 CHIPSEA-CS1231 Datasheet
674Kb / 21P
24-bit Sigma-Delta ADC
CS1232 CHIPSEA-CS1232 Datasheet
685Kb / 23P
24-bit Sigma-Delta ADC
CS1237 CHIPSEA-CS1237 Datasheet
604Kb / 19P
24-bit Sigma-Delta ADC
CS1238 CHIPSEA-CS1238 Datasheet
703Kb / 20P
24-bit Sigma-Delta ADC
CS1242 CHIPSEA-CS1242 Datasheet
709Kb / 29P
24-bit Sigma-Delta ADC
CS1243 CHIPSEA-CS1243 Datasheet
713Kb / 30P
24-bit Sigma-Delta ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com