Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

177920514 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

No. de pieza 177920514
Descripción Electrónicos  Nominal input voltage rails: 5V / 12V / 24V
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Página de inicio  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

177920514 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  177920514 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920514 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920514 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920514 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920514 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920514 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920514 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920514 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920514 Datasheet HTML 9Page - Wurth Elektronik GmbH & Co. KG, Germany. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
WPMIx9200501S / 1779205x4
MagI3C Power Module
FISM
– Fixed Isolated SIP Module
we-online.com
Würth Elektronik eiSos GmbH & Co. KG
– Data Sheet Rev. 1.0
©July 2016
1/21
5V
– 24V / 1W / 4kV functional isolated
unregulated 5V Output
DESCRIPTION
The FISM series of the unregulated MagI3C Power
Module family is a functional isolated, fully integrated
DC/DC converter. The module integrates the switching
power stage, control circuitry, transformer and capacitors
all in one package.
The
module
requires
no
external
components
for
operation thus reducing design effort and complexity to a
minimum.
The FISM ensures
fast time to market and low
development costs.
The FISM series achieves typically an efficiency of 75%
to 81%.
The THT package with industrial standard SIP7 pinout
allows for easy assembly.
TYPICAL APPLICATIONS
Data acquisition
Test and measurement systems
Interface and microcontroller supply
Industrial control
FEATURES
4kV DC functional isolation
Current capability up to 0.2A
Nominal input voltage rails: 5V / 12V / 24V
Output voltage: 5V unregulated
No minimum load required
Continuous output power: 1W
Integrated capacitors and transformer
Low output voltage ripple: typ. 60mV at full load
Output voltage accuracy: 5% max.
Operating frequency range 50 kHz to 105 kHz
-40°C to 85°C ambient operating temperature range
RoHS & REACh compliant
UL94V-0 package material
EN55022 Class B compliant
UL60950-1, 2nd Edition
– pending
C22.2 No. 60950-1-07 2nd Edition
– pending
IEC/EN60950-1, 2nd Edition
– pending
TYPICAL CIRCUIT DIAGRAM
+VIN
1
7
2
-VIN
5
+VOUT
-VOUT
DC
DC
Load
Sup ply
VIN
VINGND
VOUTGND
VOUT


Número de pieza similar - 177920514

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
177920514 WURTH-177920514 Datasheet
1Mb / 21P
No minimum load required
177920514 WURTH-177920514 Datasheet
1Mb / 21P
Integrated capacitors and transformer
177920514 WURTH-177920514 Datasheet
178Kb / 1P
EVAL Board f체r MagI쨀C FISM 1789205X4
1779205141 WURTH-1779205141 Datasheet
2Mb / 35P
WPME-FISM - Fixed Isolated SIP/SMT Module 5V, 12V or 24V / 1W / 3kV Functional Isolated Unregulated 5V Output
version 1.0
More results

Descripción similar - 177920514

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX5951 MAXIM-MAX5951 Datasheet
395Kb / 25P
12V/5V Input Buck PWM Controller
Rev 0; 5/06
logo
Bel Fuse Inc.
07LC-10T BEL-07LC-10T Datasheet
154Kb / 6P
ISOLATED DC/DC CONVERTERS 48V Input / 5V/2A or 12V/1A or 24V/0.5A Output
logo
List of Unclassifed Man...
ZUS62405 ETC2-ZUS62405 Datasheet
492Kb / 12P
Rated input 5V, 12V, 24V or 48V DC Io=100%.
logo
Global Mixed-mode Techn...
G5201 GMT-G5201 Datasheet
88Kb / 1P
5V/12V Input Voltage-Mode Buck PWM Controller
logo
Maxim Integrated Produc...
MAX16545BEVKIT120 MAXIM-MAX16545BEVKIT120 Datasheet
1Mb / 12P
12V Nominal Operating Voltage
Rev 1; 3/20
logo
Wurth Elektronik GmbH &...
1769205X41 WURTH-1769205X41 Datasheet
2Mb / 36P
WPME-FISM - Fixed Isolated SIP/SMT Module 5V, 12V or 24V Input Voltage / 1W / 3kV Functional Isolated Unregulated 5V Output
version 1.0
1769405X41 WURTH-1769405X41 Datasheet
2Mb / 36P
WPME-FISM - Fixed Isolated SIP/SMT Module 5V, 12V or 24V Input Voltage / 2W / 3kV Functional Isolated Unregulated 5V Output
version 1.0
1779205X11 WURTH-1779205X11 Datasheet
2Mb / 36P
WPME-FISM - Fixed Isolated SIP/SMT Module 3.3V, 5V, 12V or 24V Input Voltage / 1W / 1.5kV Functional Isolated Unregulated 5V Output
version 2.0
1779405X11 WURTH-1779405X11 Datasheet
2Mb / 36P
WPME-FISM - Fixed Isolated SIP/SMT Module 5V, 12V or 24V Input Voltage / 2W / 1.5kV Functional Isolated Unregulated 5V Output
version 1.0
logo
TiMOTION Technology Co....
TID1 TIMOTION-TID1 Datasheet
461Kb / 3P
Input Voltage 12V DC, 24V DC
20230925-E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com