Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

177920514 Datasheet(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

No. de pieza 177920514
Descripción Electrónicos  Nominal input voltage rails: 5V / 12V / 24V
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Página de inicio  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

177920514 Datasheet(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  177920514 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920514 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920514 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920514 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920514 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920514 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920514 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920514 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920514 Datasheet HTML 9Page - Wurth Elektronik GmbH & Co. KG, Germany. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
WPMIx9200501S / 1779205x4
MagI3C Power Module
FISM
– Fixed Isolated SIP Module
we-online.com
Würth Elektronik eiSos GmbH & Co. KG
– Data Sheet Rev. 1.0
©July 2016
3/21
ABSOLUTE MAXIMUM RATINGS
Caution:
Exceeding the listed absolute maximum ratings may affect the device negatively and may cause permanent damage. These
are stress ratings only, which do not imply functional operation of the device at these or any other condition beyond those
indicated under “Operation Conditions”.
SYMBOL
PARAMETER
LIMITS
UNIT
MIN (1)
MAX (1)
VIN
Input pin voltage for 10s@10% Load
177920514
4.00
5.75
V
177920524
9.60
13.8
V
177920534
19.2
27.6
V
VOUT
Output pin voltage
0
10
V
VISO
Isolation voltage input to output, 100% tested for 1 second(2)
-
4000
V
CISO
Isolation capacitance
45
pF
RISO
Isolation resistance
1
Tstorage
Assembled, non-operating storage temperature
-55
125
°C
VESD
ESD voltage (Human Body Model), according to EN61000-4-2
±2000
V
Vibration
MIL-STD-202G
-
OPERATING CONDITIONS
Operating conditions are conditions under which operation of the device is intended to be functional. All values are
referenced to respective GND.
MIN and MAX limits are valid for the recommended ambient temperature range of -40°C to 85°C. Typical values represents
statistically the utmost probability at following conditions: VIN = 5V VOUT = 5V (177920514), VIN = 12V, VOUT = 5V
(177920524), VIN = 24V, VOUT = 5V (177920534), IOUT = 0.2A unless otherwise noted.
SYMBOL
PARAMETER
MIN (1)
TYP (3)
MAX (1)
UNIT
VIN
Input voltage
177920514
4.5
5
5.5
V
177920524
10.8
12
13.2
V
177920534
21.6
24
26.4
V
VOUT
Nominal output voltage (Iout range 10% to 100%)
4.75
5
5.25
V
IOUT
Nominal output current(4)
0
-
200
mA
POUT
Nominal output power
-
-
1
W
COUT MAX
Maximum output capacitor for default
startup time
1779205x4
-
-
1000
uF
TA
Ambient temperature range
-40
-
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com