Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1779205141 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

1779205141 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
No. de pieza 1779205141
Descarga  1779205141 Descarga
Tamaño del archivo   2539.2 Kbytes
Page   35 Pages
Fabricante Electrónico  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Página de inicio  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Descripción Electrónicos WPME-FISM - Fixed Isolated SIP/SMT Module 5V, 12V or 24V / 1W / 3kV Functional Isolated Unregulated 5V Output

1779205141 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
1779205141 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

No. de pieza 1779205141
Descarga  1779205141 Click to download

Tamaño del archivo   2539.2 Kbytes
Page   35 Pages
Fabricante Electrónico  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Página de inicio  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Descripción Electrónicos WPME-FISM - Fixed Isolated SIP/SMT Module 5V, 12V or 24V / 1W / 3kV Functional Isolated Unregulated 5V Output

1779205141 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


1779205141 Detalles de producto

FEATURES
• 3kV DC functional isolation for 60s
• Continuous short-circuit protection
• Current capability up to 0.2A
• Nominal input voltage rails: 5V / 12V / 24V
• Output voltage: 5V unregulated
• No minimum load required
• Continuous output power: 1W
• Integrated CIN, COUT and transformer
• Dynamic power boost up to 300mA for 0.5s
• Low output voltage ripple: Typ. 55mV at full load
• Output voltage accuracy: Typ. +3% / -2.5%
• Operating switching frequency:
300kHz (1779205141)
600kHz (1779205241, 1779205341)
• Operating ambient temperature range: -40°C to
105°C
• RoHS & REACh compliant
• Complies with EN55032 (CISPR-32) class B
conducted and radiated emissions standard
• UL62368-1 approved




Número de pieza similar - 1779205141

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
177920514 WURTH-177920514 Datasheet
1Mb / 21P
Nominal input voltage rails: 5V / 12V / 24V
177920514 WURTH-177920514 Datasheet
1Mb / 21P
No minimum load required
177920514 WURTH-177920514 Datasheet
1Mb / 21P
Integrated capacitors and transformer
177920514 WURTH-177920514 Datasheet
178Kb / 1P
EVAL Board f체r MagI쨀C FISM 1789205X4
More results


Descripción similar - 1779205141

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PEAK electronics GmbH
P6LU-053R3Z PEAK-P6LU-053R3Z Datasheet
235Kb / 2P
3KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP7
P6MU-053R3Z PEAK-P6MU-053R3Z Datasheet
255Kb / 2P
3KV ISOLATED 1W UNREGULATED DUAL OUTPUT DIP14
logo
Wurth Elektronik GmbH &...
1769205X2 WURTH-1769205X2 Datasheet
1Mb / 37P
3.3V ??12V / 1W / 2kV functional isolated unregulated 5V / 12V / 15V Output
Rev. 1.0
1769205132 WURTH-1769205132 Datasheet
2Mb / 31P
5V / 1W / 3kV Functional Isolated Unregulated 5V Output
version 1.0 September 2022
1789205X1 WURTH-1789205X1 Datasheet
953Kb / 24P
FISM – Fixed Isolated SIP Module 3.3V – 24V / 1W / 1kV functional isolated unregulated 5V Output
Rev. 1.1
1769205X41 WURTH-1769205X41 Datasheet
2Mb / 36P
WPME-FISM - Fixed Isolated SIP/SMT Module 5V, 12V or 24V Input Voltage / 1W / 3kV Functional Isolated Unregulated 5V Output
version 1.0
1769405X41 WURTH-1769405X41 Datasheet
2Mb / 36P
WPME-FISM - Fixed Isolated SIP/SMT Module 5V, 12V or 24V Input Voltage / 2W / 3kV Functional Isolated Unregulated 5V Output
version 1.0
1779205X11 WURTH-1779205X11 Datasheet
2Mb / 36P
WPME-FISM - Fixed Isolated SIP/SMT Module 3.3V, 5V, 12V or 24V Input Voltage / 1W / 1.5kV Functional Isolated Unregulated 5V Output
version 2.0
1779405X11 WURTH-1779405X11 Datasheet
2Mb / 36P
WPME-FISM - Fixed Isolated SIP/SMT Module 5V, 12V or 24V Input Voltage / 2W / 1.5kV Functional Isolated Unregulated 5V Output
version 1.0
1779405X41 WURTH-1779405X41 Datasheet
2Mb / 36P
WPME-FISM - Fixed Isolated SIP/SMT Module 5V, 12V or 24V / 2W / 3kV Functional Isolated Unregulated 5V Output
version 1.0
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com