Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1779405X11 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

1779405X11 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
No. de pieza 1779405X11
Descarga  1779405X11 Descarga
Tamaño del archivo   2700.72 Kbytes
Page   36 Pages
Fabricante Electrónico  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Página de inicio  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Descripción Electrónicos WPME-FISM - Fixed Isolated SIP/SMT Module 5V, 12V or 24V Input Voltage / 2W / 1.5kV Functional Isolated Unregulated 5V Output

1779405X11 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
1779405X11 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

No. de pieza 1779405X11
Descarga  1779405X11 Click to download

Tamaño del archivo   2700.72 Kbytes
Page   36 Pages
Fabricante Electrónico  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Página de inicio  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Descripción Electrónicos WPME-FISM - Fixed Isolated SIP/SMT Module 5V, 12V or 24V Input Voltage / 2W / 1.5kV Functional Isolated Unregulated 5V Output

1779405X11 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


1779405X11 Detalles de producto

FEATURES
• 1.5kV DC functional isolation for 60s
• Isolation capacitance of typ. 20pF
• Continuous short-circuit protection
• Current capability up to 0.4A
• Nominal input voltage rails: 5V / 12V / 24V
• Output voltage: 5V unregulated
• No minimum load required
• Continuous output power: 2W
• Integrated CIN, COUT and transformer
• Dynamic power boost up to 560mA for 0.5s
• Low output voltage ripple: Typ. 75mV at full load
• Output voltage accuracy: Typ. +5% / -2.5%
• Operating switching frequency: 600kHz
• Operating ambient temperature range: -40°C to
85°C
• RoHS & REACh compliant
• Complies with EN55032 (CISPR-32) class B
conducted and radiated emissions standard
• UL62368-1, approved




Número de pieza similar - 1779405X11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
1779405X41 WURTH-1779405X41 Datasheet
2Mb / 36P
WPME-FISM - Fixed Isolated SIP/SMT Module 5V, 12V or 24V / 2W / 3kV Functional Isolated Unregulated 5V Output
version 1.0
More results


Descripción similar - 1779405X11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
RSG Electronic Componen...
RT2-S20D3WR RSG-RT2-S20D3WR Datasheet
720Kb / 5P
2W, fixed input voltage isolated & unregulated single output
logo
GAPTEC Electronic GmbH ...
2S7A-1U GAPTEC-2S7A-1U Datasheet
924Kb / 5P
2W Single Output - Fixed Input - Isolated & Unregulated SIP PACKAGE
logo
Wurth Elektronik GmbH &...
1769205X2 WURTH-1769205X2 Datasheet
1Mb / 37P
3.3V ??12V / 1W / 2kV functional isolated unregulated 5V / 12V / 15V Output
Rev. 1.0
1769205132 WURTH-1769205132 Datasheet
2Mb / 31P
5V / 1W / 3kV Functional Isolated Unregulated 5V Output
version 1.0 September 2022
1789205X1 WURTH-1789205X1 Datasheet
953Kb / 24P
FISM – Fixed Isolated SIP Module 3.3V – 24V / 1W / 1kV functional isolated unregulated 5V Output
Rev. 1.1
1769205X41 WURTH-1769205X41 Datasheet
2Mb / 36P
WPME-FISM - Fixed Isolated SIP/SMT Module 5V, 12V or 24V Input Voltage / 1W / 3kV Functional Isolated Unregulated 5V Output
version 1.0
1769405X41 WURTH-1769405X41 Datasheet
2Mb / 36P
WPME-FISM - Fixed Isolated SIP/SMT Module 5V, 12V or 24V Input Voltage / 2W / 3kV Functional Isolated Unregulated 5V Output
version 1.0
1779205X11 WURTH-1779205X11 Datasheet
2Mb / 36P
WPME-FISM - Fixed Isolated SIP/SMT Module 3.3V, 5V, 12V or 24V Input Voltage / 1W / 1.5kV Functional Isolated Unregulated 5V Output
version 2.0
1779205X41 WURTH-1779205X41 Datasheet
2Mb / 35P
WPME-FISM - Fixed Isolated SIP/SMT Module 5V, 12V or 24V / 1W / 3kV Functional Isolated Unregulated 5V Output
version 1.0
1779405X41 WURTH-1779405X41 Datasheet
2Mb / 36P
WPME-FISM - Fixed Isolated SIP/SMT Module 5V, 12V or 24V / 2W / 3kV Functional Isolated Unregulated 5V Output
version 1.0
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com