Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

177920514 Datasheet(PDF) 6 Page - Wurth Elektronik GmbH & Co. KG, Germany.

No. de pieza 177920514
Descripción Electrónicos  Nominal input voltage rails: 5V / 12V / 24V
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Página de inicio  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

177920514 Datasheet(HTML) 6 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Back Button 177920514 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920514 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920514 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920514 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920514 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920514 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920514 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920514 Datasheet HTML 9Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920514 Datasheet HTML 10Page - Wurth Elektronik GmbH & Co. KG, Germany. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
WPMIx9200501S / 1779205x4
MagI3C Power Module
FISM
– Fixed Isolated SIP Module
we-online.com
Würth Elektronik eiSos GmbH & Co. KG
– Data Sheet Rev. 1.0
©July 2016
6/21
NOTES
(1) Min and Max limits are 100% production tested at 25°C. Limits over the operating temperature range are guaranteed
through correlation using Statistical Quality Control (SQC) methods.
(2) Test voltage as defined by the UL60950-1
(3) Typical values are valid at 25°C ambient temperature and represent statistically the utmost probability assuming the
Gaussian distribution.
(4) Depending on temperature, see safe operating area diagram (SOA)
(5) Measured without heatsink, no air flow
(6) Overload current, see overload behavior diagram
(7) The module output is not current limited or short circuit protected. Continuous operation above the specified values will
damage the device.
(8) Within the complete VIN tolerance range
(9) MIL-HDBK-217F; GB Ground, Benign: Non mobile,
temperature
and
humidity controlled
environments
readily
accessible to maintenance; includes laboratory instruments and test equipment, medical electronic equipment,
business and scientific computer complexes, and missiles and support equipment in ground silos; MTBF value is
referring to 177920514



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com