| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SPC560D40L1 Datasheet(PDF) 88 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC560D40L1 Datasheet(HTML) 88 Page - STMicroelectronics |
|
88 / 90 page ![]() Revision history SPC560D30x, SPC560D40x 88/90 Doc ID 16315 Rev 7 16-Sep-2011 4 (cont.) MEDIUM configuration output buffer electrical characteristics: changed “IOH = 100 µA” to “IOL = 100 µA” in VOL conditions I/O consumption: replaced instances of “Root medium square” with “Root mean square” Updated section “Voltage regulator electrical characteristics” Section “Low voltage detector electrical characteristics”: changed title (was “Voltage monitor electrical characteristics”); added a fifth LVD (LVDHV3B); added event status flag names found in RGM chapter of device reference manual to POR module and LVD descriptions; replaced instances of “Low voltage monitor” with “Low voltage detector”; deleted note referencing power domain No. 2 (this domain is not present on the device); updated electrical characteristics table Updated and renamed section “Power consumption” (was previously section “Low voltage domain power consumption”) Program and erase specifications (code flash): updated symbols; updated tesus values Updated Flash memory read access timing EMI radiated emission measurement: updated SEMI values Updated FMPLL electrical characteristics Crystal oscillator and resonator connection scheme: inserted footnote about possibly requiring a series resistor Fast internal RC oscillator (16 MHz) electrical characteristics: updated tFIRCSU values Section “Input impedance and ADC accuracy”: changed “VA/VA2” to “VA2/VA” in Equation 13 ADC conversion characteristics: – updated conditions for sampling time VDD = 5.0 V – updated conditions for conversion time VDD =5.0 V Updated Abbreviations Removed Order codes tables. 01-Dec-2011 5 Replaced “TBD” with “8.21 mA” in IDD_HV(FLASH) cell of On-chip peripherals current consumption table Table 51. Document revision history (continued) Date Revision Changes |