Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SPC560D40L1 Datasheet(PDF) 83 Page - STMicroelectronics

No. de pieza SPC560D40L1
Descripción Electrónicos  32-bit MCU family built on the Power Architecture for automotive body electronics applications
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560D40L1 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button SPC560D40L1 Datasheet HTML 79Page - STMicroelectronics SPC560D40L1 Datasheet HTML 80Page - STMicroelectronics SPC560D40L1 Datasheet HTML 81Page - STMicroelectronics SPC560D40L1 Datasheet HTML 82Page - STMicroelectronics SPC560D40L1 Datasheet HTML 83Page - STMicroelectronics SPC560D40L1 Datasheet HTML 84Page - STMicroelectronics SPC560D40L1 Datasheet HTML 85Page - STMicroelectronics SPC560D40L1 Datasheet HTML 86Page - STMicroelectronics SPC560D40L1 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 90 page
background image
SPC560D30x, SPC56040Dx
Ordering information
Doc ID 16315 Rev 7
83/90
Figure 28.
Commercial product code structure
Memory
Packing
Core Family
Y = Tray
X = Tape and Reel 90°
3E0 = 32 MHz EEPROM 5V/3V
4E0 = 48 MHz EEPROM 5V/3V
B = –40 to 105 °C
C = –40 to 125 °C
L1 = LQFP64
L3 = LQFP100
40 = 256 KB
30 = 128 KB
D = Access family
0 = e200z0h
SPC56 = Power Architecture in 90 nm
Temperature
Package
Custom version
SPC56
40
Y
0D
C
L3
4E0
Example code:
Product identifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90