Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PIC16LC62B-20/P Datasheet(PDF) 17 Page - Microchip Technology

No. de pieza PIC16LC62B-20/P
Descripción Electrónicos  28-Pin 8-Bit CMOS Microcontrollers
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC62B-20/P Datasheet(HTML) 17 Page - Microchip Technology

Back Button PIC16LC62B-20/P Datasheet HTML 13Page - Microchip Technology PIC16LC62B-20/P Datasheet HTML 14Page - Microchip Technology PIC16LC62B-20/P Datasheet HTML 15Page - Microchip Technology PIC16LC62B-20/P Datasheet HTML 16Page - Microchip Technology PIC16LC62B-20/P Datasheet HTML 17Page - Microchip Technology PIC16LC62B-20/P Datasheet HTML 18Page - Microchip Technology PIC16LC62B-20/P Datasheet HTML 19Page - Microchip Technology PIC16LC62B-20/P Datasheet HTML 20Page - Microchip Technology PIC16LC62B-20/P Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 120 page
background image
PIC16C62B/72A
© 1999 Microchip Technology Inc.
Preliminary
DS35008B-page 17
2.3
PCL and PCLATH
The program counter (PC) specifies the address of the
instruction to fetch for execution. The PC is 13 bits
wide. The low byte is called the PCL register and is
readable and writable. The high byte is called the PCH
register. This register contains the PC<12:8> bits and
is not directly accessible. All updates to the PCH regis-
ter go through the PCLATH register.
2.3.1
STACK
The stack allows any combination of up to 8 program
calls and interrupts to occur. The stack contains the
return address from this branch in program execution.
Mid-range devices have an 8 level deep hardware
stack. The stack space is not part of either program or
data space and the stack pointer is not accessible. The
PC is PUSHed onto the stack when a CALL instruction
is executed or an interrupt causes a branch. The stack
is POPed in the event of a RETURN, RETLW or a RET-
FIE
instruction execution. PCLATH is not modified
when the stack is PUSHed or POPed.
After the stack has been PUSHed eight times, the ninth
push overwrites the value that was stored from the first
push. The tenth push overwrites the second push (and
so on).
2.4
Program Memory Paging
The CALL and GOTO instructions provide 11 bits of
address to allow branching within any 2K program
memory page. When doing a CALL or GOTO instruction,
the
upper
bit
of
the
address
is
provided
by
PCLATH<3>. The user must ensure that the page
select bit is programmed to address the proper pro-
gram memory page. If a return from a CALL instruction
(or interrupt) is executed, the entire 13-bit PC is popped
from
the stack. Therefore, manipulation
of
the
PCLATH<3> bit is not required for the return instruc-
tions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com