Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PIC16LC62B-20/P Datasheet(PDF) 95 Page - Microchip Technology

No. de pieza PIC16LC62B-20/P
Descripción Electrónicos  28-Pin 8-Bit CMOS Microcontrollers
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC62B-20/P Datasheet(HTML) 95 Page - Microchip Technology

Back Button PIC16LC62B-20/P Datasheet HTML 91Page - Microchip Technology PIC16LC62B-20/P Datasheet HTML 92Page - Microchip Technology PIC16LC62B-20/P Datasheet HTML 93Page - Microchip Technology PIC16LC62B-20/P Datasheet HTML 94Page - Microchip Technology PIC16LC62B-20/P Datasheet HTML 95Page - Microchip Technology PIC16LC62B-20/P Datasheet HTML 96Page - Microchip Technology PIC16LC62B-20/P Datasheet HTML 97Page - Microchip Technology PIC16LC62B-20/P Datasheet HTML 98Page - Microchip Technology PIC16LC62B-20/P Datasheet HTML 99Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 120 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS35008B-page 95
PIC16C62B/72A
FIGURE 13-11: EXAMPLE SPI MASTER MODE TIMING (CKE = 0)
TABLE 13-7:
EXAMPLE SPI MODE REQUIREMENTS (MASTER MODE, CKE = 0)
Param.
No.
Symbol
Characteristic
Min
Typ† Max Units
Conditions
70
TssL2scH,
TssL2scL
SS
↓ to SCK↓ or SCK↑ input
TCY
——
ns
71
TscH
SCK input high time
(slave mode)
Continuous
1.25TCY + 30
—
—
ns
71A
Single Byte
40
—
—
ns
Note 1
72
TscL
SCK input low time
(slave mode)
Continuous
1.25TCY + 30
—
—
ns
72A
Single Byte
40
—
—
ns
Note 1
73
TdiV2scH,
TdiV2scL
Setup time of SDI data input to SCK edge
100
—
—
ns
73A
TB2B
Last clock edge of Byte1 to the 1st clock
edge of Byte2
1.5TCY + 40
—
—
ns
Note 1
74
TscH2diL,
TscL2diL
Hold time of SDI data input to SCK edge
100
—
—
ns
75
TdoR
SDO data output rise time PIC16CXX
—10
25
ns
PIC16LCXX
—20
45
ns
76
TdoF
SDO data output fall time
—
10
25
ns
78
TscR
SCK output rise time
(master mode)
PIC16CXX
—10
25
ns
PIC16LCXX
—20
45
ns
79
TscF
SCK output fall time (master mode)
—
10
25
ns
80
TscH2doV,
TscL2doV
SDO data output valid
after SCK edge
PIC16CXX
——
50
ns
PIC16LCXX
—
—
100
ns
† Data in “Typ” column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance only
and are not tested.
Note 1: Specification 73A is only required if specifications 71A and 72A are used.
SS
SCK
(CKP = 0)
SCK
(CKP = 1)
SDO
SDI
70
71
72
73
74
75, 76
78
79
80
79
78
MSb
LSb
BIT6 - - - - - -1
MSb IN
LSb IN
BIT6 - - - -1
Note:
Refer to Figure 13-4 for load conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com