Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PIC16LC62B-20/P Datasheet(PDF) 93 Page - Microchip Technology

No. de pieza PIC16LC62B-20/P
Descripción Electrónicos  28-Pin 8-Bit CMOS Microcontrollers
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC62B-20/P Datasheet(HTML) 93 Page - Microchip Technology

Back Button PIC16LC62B-20/P Datasheet HTML 89Page - Microchip Technology PIC16LC62B-20/P Datasheet HTML 90Page - Microchip Technology PIC16LC62B-20/P Datasheet HTML 91Page - Microchip Technology PIC16LC62B-20/P Datasheet HTML 92Page - Microchip Technology PIC16LC62B-20/P Datasheet HTML 93Page - Microchip Technology PIC16LC62B-20/P Datasheet HTML 94Page - Microchip Technology PIC16LC62B-20/P Datasheet HTML 95Page - Microchip Technology PIC16LC62B-20/P Datasheet HTML 96Page - Microchip Technology PIC16LC62B-20/P Datasheet HTML 97Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 120 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS35008B-page 93
PIC16C62B/72A
FIGURE 13-9: TIMER0 AND TIMER1 EXTERNAL CLOCK TIMINGS
TABLE 13-5:
TIMER0 AND TIMER1 EXTERNAL CLOCK REQUIREMENTS
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
40*
Tt0H
T0CKI High Pulse Width
No Prescaler
0.5TCY + 20
—
—
ns
Must also meet
parameter 42
With Prescaler
10
—
—
ns
41*
Tt0L
T0CKI Low Pulse Width
No Prescaler
0.5TCY + 20
—
—
ns
Must also meet
parameter 42
With Prescaler
10
—
—
ns
42*
Tt0P
T0CKI Period
No Prescaler
TCY + 40
—
—
ns
With Prescaler
Greater of:
20 or TCY + 40
N
—
—
ns
N = prescale value
(2, 4,..., 256)
45*
Tt1H
T1CKI High Time
Synchronous, Prescaler = 1
0.5TCY + 20
—
—
ns
Must also meet
parameter 47
Synchronous,
Prescaler =
2,4,8
PIC16CXX
15
—
—
ns
PIC16LCXX
25
—
—
ns
Asynchronous
PIC16CXX
30
—
—
ns
PIC16LCXX
50
—
—
ns
46*
Tt1L
T1CKI Low Time
Synchronous, Prescaler = 1
0.5TCY + 20
—
—
ns
Must also meet
parameter 47
Synchronous,
Prescaler =
2,4,8
PIC16CXX
15
—
—
ns
PIC16LCXX
25
—
—
ns
Asynchronous
PIC16CXX
30
—
—
ns
PIC16LCXX
50
—
—
ns
47*
Tt1P
T1CKI input period
Synchronous
PIC16CXX
GREATER OF:
30 OR TCY + 40
N
—
—
ns
N = prescale value
(1, 2, 4, 8)
PIC16LCXX
GREATER OF:
50 OR TCY + 40
N
N = prescale value
(1, 2, 4, 8)
Asynchronous
PIC16CXX
60
—
—
ns
PIC16LCXX
100
—
—
ns
Ft1
Timer1 oscillator input frequency range
(oscillator enabled by setting bit T1OSCEN)
DC
—
200
kHz
48
TCKEZtmr1
Delay from external clock edge to timer increment
2Tosc
—
7Tosc
—
*
These parameters are characterized but not tested.
†
Data in "Typ" column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance only and are not tested.
Note: Refer to Figure 13-4 for load conditions.
46
47
45
48
41
42
40
T0CKI
T1OSO/T1CKI
TMR0 or
TMR1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com