Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PIC16LC62B-20/P Datasheet(PDF) 91 Page - Microchip Technology

No. de pieza PIC16LC62B-20/P
Descripción Electrónicos  28-Pin 8-Bit CMOS Microcontrollers
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC62B-20/P Datasheet(HTML) 91 Page - Microchip Technology

Back Button PIC16LC62B-20/P Datasheet HTML 87Page - Microchip Technology PIC16LC62B-20/P Datasheet HTML 88Page - Microchip Technology PIC16LC62B-20/P Datasheet HTML 89Page - Microchip Technology PIC16LC62B-20/P Datasheet HTML 90Page - Microchip Technology PIC16LC62B-20/P Datasheet HTML 91Page - Microchip Technology PIC16LC62B-20/P Datasheet HTML 92Page - Microchip Technology PIC16LC62B-20/P Datasheet HTML 93Page - Microchip Technology PIC16LC62B-20/P Datasheet HTML 94Page - Microchip Technology PIC16LC62B-20/P Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 120 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS35008B-page 91
PIC16C62B/72A
FIGURE 13-6: CLKOUT AND I/O TIMING
TABLE 13-3:
CLKOUT AND I/O TIMING REQUIREMENTS
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units Conditions
10*
TosH2ckL OSC1
↑ to CLKOUT↓
—
75
200
ns
Note 1
11*
TosH2ckH OSC1
↑ to CLKOUT↑
—
75
200
ns
Note 1
12*
TckR
CLKOUT rise time
—
35
100
ns
Note 1
13*
TckF
CLKOUT fall time
—
35
100
ns
Note 1
14*
TckL2ioV
CLKOUT
↓ to Port out valid
—
—
0.5TCY + 20
ns
Note 1
15*
TioV2ckH
Port in valid before CLKOUT
↑
Tosc + 200
—
—
ns
Note 1
16*
TckH2ioI
Port in hold after CLKOUT
↑
0—
—
ns
Note 1
17*
TosH2ioV
OSC1
↑ (Q1 cycle) to Port out valid
—
50
150
ns
18*
TosH2ioI
OSC1
↑ (Q2 cycle) to Port
input invalid (I/O in hold
time)
PIC16CXX
100
—
—
ns
18A*
PIC16LCXX
200
—
—
ns
19*
TioV2osH Port input valid to OSC1
↑ (I/O in setup time)
0
—
—
ns
20*
TioR
Port output rise time
PIC16CXX
—10
40
ns
20A*
PIC16LCXX
—
—
80
ns
21*
TioF
Port output fall time
PIC16CXX
—10
40
ns
21A*
PIC16LCXX
—
—
80
ns
22††*
Tinp
INT pin high or low time
TCY
——
ns
23††*
Trbp
RB7:RB4 change INT high or low time
TCY
——
ns
* These parameters are characterized but not tested.
† Data in "Typ" column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance only and
are not tested.
†† These parameters are asynchronous events not related to any internal clock edge.
Note 1: Measurements are taken in RC Mode where CLKOUT output is 4 x TOSC.
Note: Refer to Figure 13-4 for load conditions.
OSC1
CLKOUT
I/O Pin
(input)
I/O Pin
(output)
Q4
Q1
Q2
Q3
10
13
14
17
20, 21
19
18
15
11
12
16
old value
new value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com