Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PIC16LC62B-20/P Datasheet(PDF) 94 Page - Microchip Technology

No. de pieza PIC16LC62B-20/P
Descripción Electrónicos  28-Pin 8-Bit CMOS Microcontrollers
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC62B-20/P Datasheet(HTML) 94 Page - Microchip Technology

Back Button PIC16LC62B-20/P Datasheet HTML 90Page - Microchip Technology PIC16LC62B-20/P Datasheet HTML 91Page - Microchip Technology PIC16LC62B-20/P Datasheet HTML 92Page - Microchip Technology PIC16LC62B-20/P Datasheet HTML 93Page - Microchip Technology PIC16LC62B-20/P Datasheet HTML 94Page - Microchip Technology PIC16LC62B-20/P Datasheet HTML 95Page - Microchip Technology PIC16LC62B-20/P Datasheet HTML 96Page - Microchip Technology PIC16LC62B-20/P Datasheet HTML 97Page - Microchip Technology PIC16LC62B-20/P Datasheet HTML 98Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 120 page
background image
PIC16C62B/72A
DS35008B-page 94
Preliminary
© 1998 Microchip Technology Inc.
FIGURE 13-10: CAPTURE/COMPARE/PWM TIMINGS
TABLE 13-6:
CAPTURE/COMPARE/PWM REQUIREMENTS
Param
No.
Sym
Characteristic
Min
Typ† Max Units
Conditions
50*
TccL
CCP1 input low
time
No Prescaler
0.5TCY + 20
——
ns
With Prescaler
PIC16CXX
10
—
—
ns
PIC16LCXX
20
—
—
ns
51*
TccH
CCP1 input high
time
No Prescaler
0.5TCY + 20
—
—
ns
With Prescaler
PIC16CXX
10
—
—
ns
PIC16LCXX
20
—
—
ns
52*
TccP
CCP1 input period
3TCY + 40
N
—
—
ns
N = prescale
value (1,4, or 16)
53*
TccR
CCP1 output rise time
PIC16CXX
—10
25
ns
PIC16LCXX
—25
45
ns
54*
TccF
CCP1 output fall time
PIC16CXX
—10
25
ns
PIC16LCXX
—25
45
ns
*
These parameters are characterized but not tested.
† Data in "Typ" column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance only and are not
tested.
Note: Refer to Figure 13-4 for load conditions.
CCP1
(Capture Mode)
50
51
52
CCP1
53
54
(Compare or PWM Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com