Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PIC16LC62B-20/P Datasheet(PDF) 84 Page - Microchip Technology

No. de pieza PIC16LC62B-20/P
Descripción Electrónicos  28-Pin 8-Bit CMOS Microcontrollers
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC62B-20/P Datasheet(HTML) 84 Page - Microchip Technology

Back Button PIC16LC62B-20/P Datasheet HTML 80Page - Microchip Technology PIC16LC62B-20/P Datasheet HTML 81Page - Microchip Technology PIC16LC62B-20/P Datasheet HTML 82Page - Microchip Technology PIC16LC62B-20/P Datasheet HTML 83Page - Microchip Technology PIC16LC62B-20/P Datasheet HTML 84Page - Microchip Technology PIC16LC62B-20/P Datasheet HTML 85Page - Microchip Technology PIC16LC62B-20/P Datasheet HTML 86Page - Microchip Technology PIC16LC62B-20/P Datasheet HTML 87Page - Microchip Technology PIC16LC62B-20/P Datasheet HTML 88Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 120 page
background image
PIC16C62B/72A
DS35008B-page 84
Preliminary
© 1998 Microchip Technology Inc.
13.1
DC Characteristics:
PIC16C62B/72A-04 (Commercial, Industrial, Extended)
PIC16C62B/72A-20 (Commercial, Industrial, Extended)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
0°C
≤ TA ≤ +70°C for commercial
-40°C
≤ TA ≤ +85°C for industrial
-40°C
≤ TA ≤+125°C for extended
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
D001
D001A
VDD
Supply Voltage
4.0
4.5
VBOR*
-
-
-
5.5
5.5
5.5
V
V
V
XT, RC and LP osc mode
HS osc mode
BOR enabled (Note 7)
D002*
VDR
RAM Data Retention
Voltage (Note 1)
-1.5
-
V
D003
VPOR
VDD Start Voltage to
ensure internal
Power-on Reset signal
-VSS
-
V
See section on Power-on Reset for details
D004*
D004A*
SVDD
VDD Rise Rate to
ensure internal
Power-on Reset signal
0.05
TBD
-
-
-
-
V/ms PWRT enabled (PWRTE bit clear)
PWRT disabled (PWRTE bit set)
See section on Power-on Reset for details
D005
VBOR
Brown-out Reset
voltage trip point
3.65
-
4.35
V
BODEN bit set
D010
D013
IDD
Supply Current
(Note 2, 5)
-
-
2.7
10
5
20
mA
mA
XT, RC osc modes
FOSC = 4 MHz, VDD = 5.5V (Note 4)
HS osc mode
FOSC = 20 MHz, VDD = 5.5V
D020
D021
D021B
IPD
Power-down Current
(Note 3, 5)
-
-
-
-
10.5
1.5
1.5
2.5
42
16
19
19
µA
µA
µA
µA
VDD = 4.0V, WDT enabled,-40
°C to +85°C
VDD = 4.0V, WDT disabled, 0
°C to +70°C
VDD = 4.0V, WDT disabled,-40
°C to +85°C
VDD = 4.0V, WDT disabled,-40
°C to +125°C
D022*
D022A*
∆IWDT
∆IBOR
Module Differential
Current (Note 6)
Watchdog Timer
Brown-out Reset
-
-
6.0
TBD
20
200
µA
µA
WDTE BIT SET, VDD = 4.0V
BODEN bit set, VDD = 5.0V
* These parameters are characterized but not tested.
† Data in "Typ" column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance only
and are not tested.
Note 1: This is the limit to which VDD can be lowered without losing RAM data.
2: The supply current is mainly a function of the operating voltage and frequency. Other factors such as I/O pin
loading and switching rate, oscillator type, internal code execution pattern, and temperature also have an
impact on the current consumption.
The test conditions for all IDD measurements in active operation mode are:
OSC1 = external square wave, from rail to rail; all I/O pins tristated, pulled to VDD,
MCLR = VDD; WDT enabled/disabled as specified.
3: The power-down current in SLEEP mode does not depend on the oscillator type. Power-down current is
measured with the part in SLEEP mode, with all I/O pins in hi-impedance state and tied to VDD and VSS.
4: For RC osc mode, current through Rext is not included. The current through the resistor can be estimated by
the formula Ir = VDD/2Rext (mA) with Rext in kOhm.
5: Timer1 oscillator (when enabled) adds approximately 20
µA to the specification. This value is from charac-
terization and is for design guidance only. This is not tested.
6: The
∆ current is the additional current consumed when this peripheral is enabled. This current should be
added to the base IDD or IPD measurement.
7: This is the voltage where the device enters the Brown-out Reset. When BOR is enabled, the device will
perform a brown-out reset when VDD falls below VBOR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com