Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AFE032 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
No. de pieza AFE032
Descripción Electrónicos  Power-Line Communications Analog Front-End
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

AFE032 Datasheet(HTML) 16 Page - Texas Instruments

Back Button AFE032 Datasheet HTML 12Page - Texas Instruments AFE032 Datasheet HTML 13Page - Texas Instruments AFE032 Datasheet HTML 14Page - Texas Instruments AFE032 Datasheet HTML 15Page - Texas Instruments AFE032 Datasheet HTML 16Page - Texas Instruments AFE032 Datasheet HTML 17Page - Texas Instruments AFE032 Datasheet HTML 18Page - Texas Instruments AFE032 Datasheet HTML 19Page - Texas Instruments AFE032 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 77 page
background image
20
30
40
50
60
70
80
90
100
110
120
0
200k
400k
600k
800k
1M
Frequency (Hz)
C006
PA Output (OFDM Signal)
FCC Spectrum Mask
0
2.5
5
7.5
10
12.5
15
0
0.5
1
1.5
2
2.5
3
3.5
Load Current (A)
positive Load
negative Load
C00
20
30
40
50
60
70
80
90
100
110
120
0
200k
400k
600k
800k
1M
Frequency (Hz)
C005
PA Output (OFDM Signal)
ARIB Spectrum Mask
AFE032
SBOS669A – AUGUST 2013 – REVISED DECEMBER 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TJ = +25°C, VPA V S = 15 V, and VAVDD = VDVDD = 3.3 V, unless otherwise noted.
Figure 9. PA OUTPUT vs OUTPUT LOAD
Figure 10. ARIB CONDUCTED EMISSIONS
Figure 11. FCC CONDUCTED EMISSIONS
16
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: AFE032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com