Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AFE032 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza AFE032
Descripción Electrónicos  Power-Line Communications Analog Front-End
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

AFE032 Datasheet(HTML) 9 Page - Texas Instruments

Back Button AFE032 Datasheet HTML 5Page - Texas Instruments AFE032 Datasheet HTML 6Page - Texas Instruments AFE032 Datasheet HTML 7Page - Texas Instruments AFE032 Datasheet HTML 8Page - Texas Instruments AFE032 Datasheet HTML 9Page - Texas Instruments AFE032 Datasheet HTML 10Page - Texas Instruments AFE032 Datasheet HTML 11Page - Texas Instruments AFE032 Datasheet HTML 12Page - Texas Instruments AFE032 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 77 page
background image
AFE032
www.ti.com
SBOS669A – AUGUST 2013 – REVISED DECEMBER 2013
ELECTRICAL CHARACTERISTICS: Zero-Crossing Detector
At TCASE = +25°C, VPAVS = 15 V, and VAVDD = VDVDD = 3.3 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input voltage range
AGND
AVDD
V
Input current range
–10
10
mA
RIN
Input resistance
AGND
≤ VIN ≤ AVDD
2
M
Ω
CIN
Input capacitance
4
pF
Rising threshold
0.45
0.9
1.35
V
Falling threshold
0.25
0.5
0.75
V
Hysteresis
0.2
0.4
0.6
V
Jitter
50 Hz and 60 Hz, 240 VRMS and 120 VRMS
10
ns
ELECTRICAL CHARACTERISTICS: Power Supply
At TCASE = +25°C, TJ = –40°C to +125°C, VPAVS = 15 V, and VAVDD = VDVDD = 3.3 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OPERATING SUPPLY RANGE
PA_VS
Power amplifier
7
15
24
V
DVDD
Digital supply
3.3
V
AVDD
Analog supply
3.3
V
QUIESCENT CURRENT (SD pin low)
IO = 0 V, PA = on
(1),
40
48
56
mA
REG_PA_CURRENT_CFG[7:6] = 00
IO = 0 V, PA = on
(1),
68
78
88
mA
REG_PA_CURRENT_CFG[7:6] = 01
IQPA_VS
Power amplifier
IO = 0 V, PA = on
(1),
84
96
108
mA
REG_PA_CURRENT_CFG[7:6] = 10
IO = 0 V, PA = on
(1),
10
17
24
mA
REG_PA_CURRENT_CFG[7:6] = 11
Tx configuration(2)
1.5
2.5
3.5
mA
IQDVDD
Digital supply
Rx configuration(3)
1.1
2.1
3.1
mA
All blocks disabled(4)
330
450
µA
Tx configuration(3)
8
11
14
mA
IQAVDD
Analog supply
Rx configuration(4)
9
13
17
mA
All blocks disabled(4)
25
100
µA
SHUTDOWN
SDPA_VS
Power amplifier
SD pin high
40
150
µA
SDDVDD
Digital supply
SD pin high
330
400
µA
SDAVDD
Analog supply
SD pin high
25
50
µA
(1)
PA and PA output enabled.
(2)
The DAC, TX_PGA, low-pass filter, PA, PA_NRF, TX_RX_NRF, and DAC_NRF blocks are enabled in the Tx configuration. All other
blocks are disabled.
(3)
The RX_PGA1, high-pass filter, low-pass filter, RX_PGA2, and TX_RX_NRF blocks are enabled in the Rx configuration. All other blocks
are disabled.
(4)
All internal blocks disabled, SD pin low.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: AFE032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com