Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AFE032 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
No. de pieza AFE032
Descripción Electrónicos  Power-Line Communications Analog Front-End
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

AFE032 Datasheet(HTML) 35 Page - Texas Instruments

Back Button AFE032 Datasheet HTML 31Page - Texas Instruments AFE032 Datasheet HTML 32Page - Texas Instruments AFE032 Datasheet HTML 33Page - Texas Instruments AFE032 Datasheet HTML 34Page - Texas Instruments AFE032 Datasheet HTML 35Page - Texas Instruments AFE032 Datasheet HTML 36Page - Texas Instruments AFE032 Datasheet HTML 37Page - Texas Instruments AFE032 Datasheet HTML 38Page - Texas Instruments AFE032 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 77 page
background image
AFE032
www.ti.com
SBOS669A – AUGUST 2013 – REVISED DECEMBER 2013
Power Amplifier Enable and Disable Sequences
Whether immediately after the initialization sequence or when transitioning from receiver mode to transmitter
mode, one of the PA enable sequences described in this section must be used each time the device initiates a
signal transmission on the power line via the power amplifier. The specific enable sequence used depends on
whether the DAC block is enabled at least 300 µs prior to the start of the PA enable sequence or not.
PA Enable Sequence for a DAC Already Enabled Case
Use the following sequence if the DAC has been enabled for at least 300 µs.
•
Simultaneously set the PA IQ current control bits (bits 6 and 7) and the PA current limit bits (bits 4 and 5) of
the REG_PA_CURRENT_CFG register. The PA IQ current control bits must be set to '10' (that is, the 95 mA
option). The PA current limit bit settings depend on the application.
•
Enable the Filter bias enable bit (bit 5) of the REG_DAC/HPF/LPF/PA_CTL register.
•
Write '1' to the TX enable bit (bit 4), and '0' to the RX enable bit (bit 3) of the REG_RX/TX_CTL register.
•
Wait for 50 µs.
•
Write B4 (hex) to the REG_DAC/HPF/LPF/PA_CTRL register. (This setting enables the PA internal sub-
regulation circuitry, maintains the LPF and filter bias, and keeps the DAC enabled while leaving the HPF and
PA output stage disabled.)
•
Wait for 20 µs.
•
Write BC (hex) to the REG_DAC/HPF/LPF/PA_CTRL register. (This setting enables the PA output stage
while keeping the PA internal sub-regulation circuitry, LPF, filter bias, and DAC enabled. The HPF remains
disabled.)
•
Enable the ENPAIQN bit (bit 3) and the ENPAIQP bit (bit 2) of the REG_PA_CURRENT_CFG register.
•
Enable the ENPCOMP bit (bit 7) and ENNCOMP bit (bit 6) of the REG_RX/TX_CTL register.
•
Set the Tx PGA gain to the desired value.
•
Wait for at least 20 DAC_CLK cycles.
•
Configure the device in DAC mode by taking the DAC pin high.
•
Write the desired samples to the DAC following the procedure outlined in the DAC Mode section.
PA Enable Sequence Starting from a DAC in Disabled State Case
Use the following sequence if the DAC is disabled or if it is enabled for less than 300 µs prior to the start of the
PA enable sequence:
•
Simultaneously set the PA IQ current control bits (bits 6 and 7) and PA current limit bits (bits 4 and 5) of the
REG_PA_CURRENT_CFG register. The PA IQ current control bits must be set to '10' (that is, the 95 mA
option). The PA current limit bit settings depend on the application.
•
Enable the DAC by writing '1' to the DAC enable bit (bit 2) and the Filter bias enable bit (bit 5) of the
REG_DAC/HPF/LPF/PA_CTL register.
•
Write '1' to the TX enable bit (bit 4), and '0' to the RX enable bit (bit 3) of the REG_RX/TX_CTL register.
•
Wait for 300 µs.
•
Write B4 (hex) to the REG_DAC/HPF/LPF/PA_CTRL register. (This setting enables the PA internal sub-
regulation circuitry, maintains the LPF and filter bias, and keeps the DAC enabled while leaving the HPF and
PA output stage disabled.)
•
Wait for 20 µs.
•
Write BC (hex) to the REG_DAC/HPF/LPF/PA_CTRL register. (This setting enables the PA output stage
while keeping the PA internal sub-regulation circuitry, LPF, filter bias, and DAC enabled. The HPF remains
disabled.)
•
Enable the ENPAIQN bit (bit 3) and the ENPAIQP bit (bit 2) of the REG_PA_CURRENT_CFG register.
•
Enable the ENPCOMP bit (bit 7) and ENNCOMP bit (bit 6) of the REG_RX/TX_CTL register.
•
Set the Tx PGA gain to the desired value.
•
Wait for at least 20 DAC_CLK cycles.
•
Configure the device in DAC mode by taking the DAC pin high.
•
Write the desired samples to the DAC following the procedure outlined in the DAC Mode section.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: AFE032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com