Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AFE032 Datasheet(PDF) 61 Page - Texas Instruments

Click here to check the latest version.
No. de pieza AFE032
Descripción Electrónicos  Power-Line Communications Analog Front-End
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

AFE032 Datasheet(HTML) 61 Page - Texas Instruments

Back Button AFE032 Datasheet HTML 57Page - Texas Instruments AFE032 Datasheet HTML 58Page - Texas Instruments AFE032 Datasheet HTML 59Page - Texas Instruments AFE032 Datasheet HTML 60Page - Texas Instruments AFE032 Datasheet HTML 61Page - Texas Instruments AFE032 Datasheet HTML 62Page - Texas Instruments AFE032 Datasheet HTML 63Page - Texas Instruments AFE032 Datasheet HTML 64Page - Texas Instruments AFE032 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 77 page
background image
AFE032
www.ti.com
SBOS669A – AUGUST 2013 – REVISED DECEMBER 2013
POWER SUPPLIES
The device has two low-voltage analog power-supply pins and one low-voltage digital supply pin. Internally, the
two analog supply pins are connected to each other through back-to-back electrostatic discharge (ESD)
protection diodes. These pins must be connected to each other on the application printed circuit board (PCB).
Connecting the digital supply pin and the two analog supply pins together on the PCB is also recommended.
Both low-voltage analog ground pins are also connected internally through back-to-back ESD protection diodes.
These ground pins should also be connected to the digital ground pin on the PCB. Bypassing the low-voltage
power supplies with a parallel combination of a 10-
μF and 100-nF capacitor is recommended. The PA block is
biased separately from a high-voltage, high-current supply.
Three PA power-supply pins and three PA ground pins are available to provide a path for the high currents
associated with driving the low impedance of the ac mains. Connecting the three PA supply pins together is
recommended. Placing a 47-
μF to 100-μF bypass capacitor in parallel with a 100-nF capacitor as close as
possible to the device is also recommended. Care must be taken when routing the high-current ground lines on
the PCB to avoid creating voltage drops in the PCB ground that may vary with changes in load current.
The device has many options to enable or disable the functional blocks to allow for flexible power-savings
modes. Refer to the Electrical Characteristics: Power Supply table for power consumption in specific modes.
DAC, SD, INT, TSENSE, TX_FLAG, AND RX_FLAG PINS
This section discusses the DAC, SD, INT, TSENSE, TX_FLAG, and RX_FLAG pins.
DAC (Pin 7)
The DAC pin is used to configure the SPI to either read data to or write data from the command and data
registers, or to write data to the DAC register. Setting the DAC pin high allows access to the DAC register.
Setting the DAC pin low allows access to the command and data registers.
SD (Pin 8)
The shutdown pin (SD) can be used to shut down the entire device for maximum power savings. When the SD
pin is low, the device operates normally. When the SD pin is high, all circuit blocks within the device (including
the serial interface) are placed in the lowest-power operating modes. In this condition, the entire device draws
only 395
μA (typical) of current. All register contents at the time the device is placed in shutdown mode are
erased; when the device is re-enabled, the register contents are the device default values. Follow the protocol
described in the External Reset and Analog Shutdown Mode section when asserting the SD pin.
INT (Pin 9)
The interrupt pin (INT) is an active-low, open-drain output pin that can be used to signal the microprocessor of an
unusual operating condition that results from an anomaly on the power line. The INT pin can be triggered by
external circuit conditions and SPI operations, depending upon the REG_FLAG_CTL register settings. The
device can be programmed to issue an interrupt on current overload, thermal overload, and digital error
conditions. Refer to the AFE032 Interrupts section for more information.
When an interrupt is signaled (that is, INT goes low), the contents of the IFLAG_INT, TFLAG_INT, and
DIG_ERR_INT bits (bits 7, 6, and 4, respectively, in the REG_AFE_STATUS register) can be read to determine
the type of interrupt that occurred. The REG_FLAG_CTL register settings should be configured each time the
device is powered on.
Current overload and thermal overload conditions are explained in the Current Overload and Thermal Overload
sections. Digital error conditions are explained in the AFE032 Interrupts section.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
61
Product Folder Links: AFE032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com