Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AFE032 Datasheet(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
No. de pieza AFE032
Descripción Electrónicos  Power-Line Communications Analog Front-End
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

AFE032 Datasheet(HTML) 57 Page - Texas Instruments

Back Button AFE032 Datasheet HTML 53Page - Texas Instruments AFE032 Datasheet HTML 54Page - Texas Instruments AFE032 Datasheet HTML 55Page - Texas Instruments AFE032 Datasheet HTML 56Page - Texas Instruments AFE032 Datasheet HTML 57Page - Texas Instruments AFE032 Datasheet HTML 58Page - Texas Instruments AFE032 Datasheet HTML 59Page - Texas Instruments AFE032 Datasheet HTML 60Page - Texas Instruments AFE032 Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 77 page
background image
AFE032
www.ti.com
SBOS669A – AUGUST 2013 – REVISED DECEMBER 2013
Bits [7:4]
Bits 3:0 of coefficient 12 for filter block 2
These bits contain the four least significant bits of coefficient 12 for filter block 2.
Default = 2h
Bits [3:0]
Reserved
These bits are reserved.
Default = not applicable
Table 63. REG_COEFF1_BLOCK_1_MS Register (Address = 3Ch)
7
6
5
4
3
2
1
0
Bits 11:4 of coefficient 1 for filter block 1
R/W
LEGEND: R/W = read and write.
Bits [7:0]
Bits 11:4 of coefficient 1 for filter block 1
These bits contain the eight most significant bits of coefficient 1 for filter block 1.
Default = B9h
Table 64. REG_COEFF1_BLOCK_1_LS Register (Address = 3Dh)
7
6
5
4
3
2
1
0
Bits 3:0 of coefficient 1 for filter block 1
Reserved
R/W
R
LEGEND: R/W = read and write; R = read-only.
Bits [7:4]
Bits 3:0 of coefficient 1 for filter block 1
These bits contain the four least significant bits of coefficient 1 for filter block 1.
Default = Dh
Bits [3:0]
Reserved
These bits are reserved.
Default = not applicable
Table 65. REG_COEFF2_BLOCK_1_MS Register (Address = 3Eh)
7
6
5
4
3
2
1
0
Bits 11:4 of coefficient 2 for filter block 1
R/W
LEGEND: R/W = read and write.
Bits [7:0]
Bits 11:4 of coefficient 2 for filter block 1
These bits contain the eight most significant bits of coefficient 2 for filter block 1.
Default = E8h
Table 66. REG_COEFF2_BLOCK_1_LS Register (Address = 3Fh)
7
6
5
4
3
2
1
0
Bits 3:0 of coefficient 2 for filter block 1
Reserved
R/W
R
LEGEND: R/W = read and write; R = read-only.
Bits [7:4]
Bits 3:0 of coefficient 2 for filter block 1
These bits contain the four least significant bits of coefficient 2 for filter block 1.
Default = 6h
Bits [3:0]
Reserved
These bits are reserved.
Default = not applicable
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
57
Product Folder Links: AFE032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com