Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AFE032 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
No. de pieza AFE032
Descripción Electrónicos  Power-Line Communications Analog Front-End
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

AFE032 Datasheet(HTML) 38 Page - Texas Instruments

Back Button AFE032 Datasheet HTML 34Page - Texas Instruments AFE032 Datasheet HTML 35Page - Texas Instruments AFE032 Datasheet HTML 36Page - Texas Instruments AFE032 Datasheet HTML 37Page - Texas Instruments AFE032 Datasheet HTML 38Page - Texas Instruments AFE032 Datasheet HTML 39Page - Texas Instruments AFE032 Datasheet HTML 40Page - Texas Instruments AFE032 Datasheet HTML 41Page - Texas Instruments AFE032 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 77 page
background image
AFE032
SBOS669A – AUGUST 2013 – REVISED DECEMBER 2013
www.ti.com
Table 13. Data Register Memory Map (continued)
ADDRESS
DEFAULT
REGISTER
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
(Hex)
VALUE (Hex)
REG_COEFF3_BLOCK_2_MS
28
0F
Bits 11:4 of coefficient 3 for filter block 2
REG_COEFF3_BLOCK_2_LS
29
00
Bits 3:0 of coefficient 3 for filter block 2
Reserved
REG_COEFF4_BLOCK_2_MS
2A
1D
Bits 11:4 of coefficient 4 for filter block 2
REG_COEFF4_BLOCK_2_LS
2B
C0
Bits 3:0 of coefficient 4 for filter block 2
Reserved
REG_COEFF5_BLOCK_2_MS
2C
0F
Bits 11:4 of coefficient 5 for filter block 2
REG_COEFF5_BLOCK_2_LS
2D
00
Bits 3:0 of coefficient 5 for filter block 2
Reserved
REG_COEFF6_BLOCK_2_MS
2E
99
Bits 11:4 of coefficient 6 for filter block 2
REG_COEFF6_BLOCK_2_LS
2F
40
Bits 3:0 of coefficient 6 for filter block 2
Reserved
REG_COEFF7_BLOCK_2_MS
30
CA
Bits 11:4 of coefficient 7 for filter block 2
REG_COEFF7_BLOCK_2_LS
31
10
Bits 3:0 of coefficient 7 for filter block 2
Reserved
REG_COEFF8_BLOCK_2_MS
32
1F
Bits 11:4 of coefficient 8 for filter block 2
REG_COEFF8_BLOCK_2_LS
33
20
Bits 3:0 of coefficient 8 for filter block 2
Reserved
REG_COEFF9_BLOCK_2_MS
34
3B
Bits 11:4 of coefficient 9 for filter block 2
REG_COEFF9_BLOCK_2_LS
35
10
Bits 3:0 of coefficient 9 for filter block 2
Reserved
REG_COEFF10_BLOCK_2_MS
36
1F
Bits 11:4 of coefficient 10 for filter block 2
REG_COEFF10_BLOCK_2_LS
37
20
Bits 3:0 of coefficient 10 for filter block 2
Reserved
REG_COEFF11_BLOCK_2_MS
38
23
Bits 11:4 of coefficient 11 for filter block 2
REG_COEFF11_BLOCK_2_LS
39
B0
Bits 3:0 of coefficient 11 for filter block 2
Reserved
REG_COEFF12_BLOCK_2_MS
3A
44
Bits 11:4 of coefficient 12 for filter block 2
REG_COEFF12_BLOCK_2_LS
3B
20
Bits 3:0 of coefficient 12 for filter block 2
Reserved
REG_COEFF1_BLOCK_1_MS
3C
B9
Bits 11:4 of coefficient 1 for filter block 1
REG_COEFF1_BLOCK_1_LS
3D
D0
Bits 3:0 of coefficient 1 for filter block 1
Reserved
REG_COEFF2_BLOCK_1_MS
3E
E8
Bits 11:4 of coefficient 2 for filter block 1
REG_COEFF2_BLOCK_1_LS
3F
60
Bits 3:0 of coefficient 2 for filter block 1
Reserved
REG_COEFF3_BLOCK_1_MS
40
0F
Bits 11:4 of coefficient 3 for filter block 1
REG_COEFF3_BLOCK_1_LS
41
00
Bits 3:0 of coefficient 3 for filter block 1
Reserved
REG_COEFF4_BLOCK_1_MS
42
1D
Bits 11:4 of coefficient 4 for filter block 1
REG_COEFF4_BLOCK_1_LS
43
C0
Bits 3:0 of coefficient 4 for filter block 1
Reserved
REG_COEFF5_BLOCK_1_MS
44
0F
Bits 11:4 of coefficient 5 for filter block 1
REG_COEFF5_BLOCK_1_LS
45
00
Bits 3:0 of coefficient 5 for filter block 1
Reserved
REG_COEFF6_BLOCK_1_MS
46
23
Bits 11:4 of coefficient 6 for filter block 1
REG_COEFF6_BLOCK_1_LS
47
B0
Bits 3:0 of coefficient 6 for filter block 1
Reserved
REG_COEFF7_BLOCK_1_MS
48
44
Bits 11:4 of coefficient 7 for filter block 1
REG_COEFF7_BLOCK_1_LS
49
20
Bits 3:0 of coefficient 7 for filter block 1
Reserved
REG_DAC_SAMPLE_MS
4A
00
Bits 11:4 of DAC sample fed from DSP path into DAC
REG_DAC_SAMPLE_LS
4B
00
Bits 3:0 of DAC sample fed from DSP path into DAC
Reserved
38
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: AFE032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com