Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MPC5634MF0MMGA6 Datasheet(PDF) 54 Page - Freescale Semiconductor, Inc

No. de pieza MPC5634MF0MMGA6
Descripción Electrónicos  microcontroller units (MCUs)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5634MF0MMGA6 Datasheet(HTML) 54 Page - Freescale Semiconductor, Inc

Back Button MPC5634MF0MMGA6 Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC5634MF0MMGA6 Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC5634MF0MMGA6 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC5634MF0MMGA6 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC5634MF0MMGA6 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC5634MF0MMGA6 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC5634MF0MMGA6 Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC5634MF0MMGA6 Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC5634MF0MMGA6 Datasheet HTML 58Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 118 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 4
Preliminary—Subject to Change Without Notice
Pinout and signal description
Freescale Semiconductor
54
EVTI
Nexus
EVTI is an input that is read on the negation of RESET to enable
or disable the Nexus Debug port. After reset, the EVTI pin is
used to initiate program synchronization messages or generate
a breakpoint.
EVTO
Nexus
Output that provides timing to a development tool for a single
watchpoint or breakpoint occurrence.
MCKO
Nexus
MCKO is a free running clock output to the development tools
which is used for timing of the MDO and MSEO signals.
MDO[3:0]
Nexus
Trace message output to development tools. This pin also
indicates the status of the crystal oscillator clock following a
power-on reset, when MDO[0] is driven high until the crystal
oscillator clock achieves stability and is then negated.
MSEO[1:0]
Nexus
Output pin—Indicates the start or end of the variable length
message on the MDO pins
BOOTCFG[1]
SIU - Configuration
The BOOTCFG1 pin is sampled during the assertion of the
RSTOUT signal, and the value is used to update the RSR and
the BAM boot mode
The following values are for BOOTCFG[0:1}:
0: Boot from internal flash memory
1: FlexCAN/eSCI boot
WKPCFG
SIU - Configuration
The WKPCFG pin is applied at the assertion of the internal reset
signal (assertion of RSTOUT), and is sampled 4 clock cycles
before the negation of the RSTOUT pin.
The value is used to configure whether the eTPU and eMIOS
pins are connected to internal weak pull up or weak pull down
devices after reset. The value latched on the WKPCFG pin at
reset is stored in the Reset Status Register (RSR), and is
updated for all reset sources except the Debug Port Reset and
Software External Reset.
0: Weak pulldown applied to eTPU and eMIOS pins at reset
1: Weak pullup applied to eTPU and eMIOS pins at reset.
ETRIG[2:3]
SIU - eQADC Triggers
External signal eTRIGx triggers eQADC CFIFOx
IRQ[0:15]
SIU - External Interrupts The IRQ[0:15] pins connect to the SIU IRQ inputs. IMUX Select
Register 1 is used to select the IRQ[0:15] pins as inputs to the
IRQs.
Table 5. Signal details (continued)
Signal
Module or Function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com