Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ATmega16U2 Datasheet(PDF) 264 Page - ATMEL Corporation

No. de pieza ATmega16U2
Descripción Electrónicos  8-bit Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16U2 Datasheet(HTML) 264 Page - ATMEL Corporation

Back Button ATmega16U2 Datasheet HTML 260Page - ATMEL Corporation ATmega16U2 Datasheet HTML 261Page - ATMEL Corporation ATmega16U2 Datasheet HTML 262Page - ATMEL Corporation ATmega16U2 Datasheet HTML 263Page - ATMEL Corporation ATmega16U2 Datasheet HTML 264Page - ATMEL Corporation ATmega16U2 Datasheet HTML 265Page - ATMEL Corporation ATmega16U2 Datasheet HTML 266Page - ATMEL Corporation ATmega16U2 Datasheet HTML 267Page - ATMEL Corporation ATmega16U2 Datasheet HTML 268Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 314 page
background image
264
7799B–AVR–07/09
ATmega8U2/16U2/32U2
26. Electrical Characteristics
26.1
Absolute Maximum Ratings*
26.2
DC Characteristics
Operating Temperature.................................. -55
°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect
device reliability.
Storage Temperature ..................................... -65°C to +150°C
Voltage on any Pin except RESET & UVcc
with respect to Ground(7) .............................-0.5V to VCC+0.5V
Voltage on RESET with respect to Ground......-0.5V to +13.0V
Voltage on UVcc with respect to Ground ...........-0.5V to +6.0V
Maximum Operating Voltage ............................................ 6.0V
DC Current per I/O Pin ............................................... 40.0 mA
DC Current
V
CC and GND Pins ................................ 200.0 mA
T
A = -40°C to 85°C, VCC = 2.7V to 5.5V (unless otherwise noted)
Symbol
Parameter
Condition
Min.(5)
Typ.
Max.(5)
Units
VIL
Input Low Voltage,
Standard IOs(8)
VCC = 2.7V - 5.5V
-0.5
0.8
V
VIL1
Input Low Voltage,
XTAL1 pin
V
CC = 2.7V - 5.5V
-0.5
0.1V
CC
(1)
V
VIL2
Input Low Voltage,
RESET pin
V
CC = 2.7V - 5.5V
-0.5
0.1V
CC
(1)
V
VIH
Input High Voltage,
Standard IOs(8)
VCC = 2.7V - 5.5V
2
VCC + 0.5
V
VIH1
Input High Voltage,
XTAL1 pin
V
CC = 2.7V - 5.5V
0.7V
CC
(2)
V
CC + 0.5
V
VIH2
Input High Voltage,
RESET pin
V
CC = 2.7V - 5.5V
0.9V
CC
(2)
V
CC + 0.5
V
VOL
Output Low Voltage(3),
Standard IOs(8),
MOSI/MISO pins
IOL = 10mA, VCC = 5V
IOL = 5mA, VCC = 3V
0.7
0.5
V
VOH
Output High Voltage(4),
Standard IOs(8),
MOSI/MISO pins
IOH = -20mA, VCC = 5V
IOH = -10mA, VCC = 3V
4.2
2.3
V
IIL
Input Leakage
Current I/O Pin
V
CC = 5.5V, pin low
(absolute value)
1µA
IIH
Input Leakage
Current I/O Pin
VCC = 5.5V, pin high
(absolute value)
1µA
RRST
Reset Pull-up Resistor
30
60
k
Ω
RPU
I/O Pin Pull-up Resistor
20
50
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com