Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ATmega16U2 Datasheet(PDF) 262 Page - ATMEL Corporation

No. de pieza ATmega16U2
Descripción Electrónicos  8-bit Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16U2 Datasheet(HTML) 262 Page - ATMEL Corporation

Back Button ATmega16U2 Datasheet HTML 258Page - ATMEL Corporation ATmega16U2 Datasheet HTML 259Page - ATMEL Corporation ATmega16U2 Datasheet HTML 260Page - ATMEL Corporation ATmega16U2 Datasheet HTML 261Page - ATMEL Corporation ATmega16U2 Datasheet HTML 262Page - ATMEL Corporation ATmega16U2 Datasheet HTML 263Page - ATMEL Corporation ATmega16U2 Datasheet HTML 264Page - ATMEL Corporation ATmega16U2 Datasheet HTML 265Page - ATMEL Corporation ATmega16U2 Datasheet HTML 266Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 314 page
background image
262
7799B–AVR–07/09
ATmega8U2/16U2/32U2
Table 25-16. Serial Programming Instruction Set
Instruction
Instruction Format
Operation
Byte 1
Byte 2
Byte 3
Byte4
Programming Enable
1010 1100
0101 0011
xxxx xxxx
xxxx xxxx
Enable Serial Programming after
RESET goes low.
Chip Erase
1010 1100
100x xxxx
xxxx xxxx
xxxx xxxx
Chip Erase EEPROM and Flash.
Load Extended Address Byte
0100 1101
0000 0000
cccc cccc
xxxx xxxx
Defines Extended Address Byte for
Read Program Memory and Write
Program Memory Page.
Read Program Memory
0010 H000
aaaa aaaa
bbbb bbbb
oooo oooo
Read H (high or low) data o from
Program memory at word address
c:a:b.
Load Program Memory Page
0100 H000
xxxx xxxx
xxbb bbbb
iiii iiii
Write H (high or low) data i to Program
Memory page at word address b. Data
low byte must be loaded before Data
high byte is applied within the same
address.
Write Program Memory Page
0100 1100
aaaa aaaa
bbxx xxxx
xxxx xxxx
Write Program Memory Page at
address c:a:b.
Read EEPROM Memory
1010 0000
0000 aaaa
bbbb bbbb
oooo oooo
Read data o from EEPROM memory at
address a:b.
Write EEPROM Memory
1100 0000
0000 aaaa
bbbb bbbb
iiii iiii
Write data i to EEPROM memory at
address a:b.
Load EEPROM Memory
Page (page access)
1100 0001
0000 0000
0000 00bb
iiii iiii
Load data i to EEPROM memory page
buffer. After data is loaded, program
EEPROM page.
Write EEPROM Memory
Page (page access)
1100 0010
0000 aaaa
bbbb bb00
xxxx xxxx
Write EEPROM page at address a:b.
Read Lock bits
0101 1000
0000 0000
xxxx xxxx
xxoo oooo
Read Lock bits. “0” = programmed, “1”
= unprogrammed. See Table 25-1 on
page 246 for details.
Write Lock bits
1010 1100
111x xxxx
xxxx xxxx
11ii iiii
Write Lock bits. Set bits = “0” to
program Lock bits. See Table 25-1 on
page 246 for details.
Read Signature Byte
0011 0000
000x xxxx
xxxx xxbb
oooo oooo
Read Signature Byte o at address b.
Write Fuse bits
1010 1100
1010 0000
xxxx xxxx
iiii iiii
Set bits = “0” to program, “1” to
unprogram.
Write Fuse High bits
1010 1100
1010 1000
xxxx xxxx
iiii iiii
Set bits = “0” to program, “1” to
unprogram.
Write Extended Fuse Bits
1010 1100
1010 0100
xxxx xxxx
iiii iiii
Set bits = “0” to program, “1” to
unprogram. See
Table 25-3 on page
247 for details.
Read Fuse bits
0101 0000
0000 0000
xxxx xxxx
oooo oooo
Read Fuse bits. “0” = programmed, “1”
= unprogrammed.
Read Fuse High bits
0101 1000
0000 1000
xxxx xxxx
oooo oooo
Read Fuse High bits. “0” = pro-
grammed, “1” = unprogrammed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com