Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ATmega16U2 Datasheet(PDF) 131 Page - ATMEL Corporation

No. de pieza ATmega16U2
Descripción Electrónicos  8-bit Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16U2 Datasheet(HTML) 131 Page - ATMEL Corporation

Back Button ATmega16U2 Datasheet HTML 127Page - ATMEL Corporation ATmega16U2 Datasheet HTML 128Page - ATMEL Corporation ATmega16U2 Datasheet HTML 129Page - ATMEL Corporation ATmega16U2 Datasheet HTML 130Page - ATMEL Corporation ATmega16U2 Datasheet HTML 131Page - ATMEL Corporation ATmega16U2 Datasheet HTML 132Page - ATMEL Corporation ATmega16U2 Datasheet HTML 133Page - ATMEL Corporation ATmega16U2 Datasheet HTML 134Page - ATMEL Corporation ATmega16U2 Datasheet HTML 135Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 314 page
background image
131
7799B–AVR–07/09
ATmega8U2/16U2/32U2
Note:
A special case occurs when OCRnA/OCRnB/OCRnC equals TOP and
COMnA1/COMnB1//COMnC1 is set. See “Phase Correct PWM Mode” on page 99. for more
details.
• Bit 1:0 – WGMn1:0: Waveform Generation Mode
Combined with the WGMn[3:2] bits found in the TCCRnB Register, these bits control the count-
ing sequence of the counter, the source for maximum (TOP) counter value, and what type of
waveform generation to be used, see Table 16-4. Modes of operation supported by the
Timer/Counter unit are: Normal mode (counter), Clear Timer on Compare match (CTC) mode,
and three types of Pulse Width Modulation (PWM) modes. (See “Modes of Operation” on page
96.).
Table 16-3.
Compare Output Mode, Phase Correct and Phase and Frequency Correct PWM
COMnA1/COMnB/
COMnC1
COMnA0/COMnB0/
COMnC0
Description
00
Normal port operation, OCnA/OCnB/OCnC
disconnected.
01
WGM1[3:0] = 8, 9 10 or 11: Toggle OC1A on
Compare Match, OC1B and OC1C disconnected
(normal port operation). For all other WGM1
settings, normal port operation,
OC1A/OC1B/OC1C disconnected.
10
Clear OCnA/OCnB/OCnC on compare match
when up-counting. Set OCnA/OCnB/OCnC on
compare match when downcounting.
11
Set OCnA/OCnB/OCnC on compare match when
up-counting. Clear OCnA/OCnB/OCnC on
compare match when downcounting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com