Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ATmega16U2 Datasheet(PDF) 130 Page - ATMEL Corporation

No. de pieza ATmega16U2
Descripción Electrónicos  8-bit Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16U2 Datasheet(HTML) 130 Page - ATMEL Corporation

Back Button ATmega16U2 Datasheet HTML 126Page - ATMEL Corporation ATmega16U2 Datasheet HTML 127Page - ATMEL Corporation ATmega16U2 Datasheet HTML 128Page - ATMEL Corporation ATmega16U2 Datasheet HTML 129Page - ATMEL Corporation ATmega16U2 Datasheet HTML 130Page - ATMEL Corporation ATmega16U2 Datasheet HTML 131Page - ATMEL Corporation ATmega16U2 Datasheet HTML 132Page - ATMEL Corporation ATmega16U2 Datasheet HTML 133Page - ATMEL Corporation ATmega16U2 Datasheet HTML 134Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 314 page
background image
130
7799B–AVR–07/09
ATmega8U2/16U2/32U2
.
Table 16-2 shows the COMnx[1:0] bit functionality when the WGMn[3:0] bits are set to the fast
PWM mode.
Note:
A special case occurs when OCRnA/OCRnB/OCRnC equals TOP and
COMnA1/COMnB1/COMnC1 is set. In this case the compare match is ignored, but the set or clear
is done at TOP. See “Fast PWM Mode” on page 97. for more details.
Table 16-3 shows the COMnx[1:0] bit functionality when the WGMn[3:0] bits are set to the phase
correct and frequency correct PWM mode.
Table 16-1.
Compare Output Mode, non-PWM
COMnA1/COMnB1/
COMnC1
COMnA0/COMnB0/
COMnC0
Description
00
Normal port operation, OCnA/OCnB/OCnC
disconnected.
0
1
Toggle OCnA/OCnB/OCnC on compare match.
10
Clear OCnA/OCnB/OCnC on compare match
(set output to low level).
11
Set OCnA/OCnB/OCnC on compare match (set
output to high level).
Table 16-2.
Compare Output Mode, Fast PWM
COMnA1/COMnB1/
COMnC0
COMnA0/COMnB0/
COMnC0
Description
00
Normal port operation, OCnA/OCnB/OCnC
disconnected.
01
WGM1[3:0] = 14 or 15: Toggle OC1A on
Compare Match, OC1B and OC1C disconnected
(normal port operation). For all other WGM1
settings, normal port operation,
OC1A/OC1B/OC1C disconnected.
10
Clear OCnA/OCnB/OCnC on compare match,
set OCnA/OCnB/OCnC at TOP
11
Set OCnA/OCnB/OCnC on compare match,
clear OCnA/OCnB/OCnC at TOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com