Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LTC2401CMS Datasheet(PDF) 5 Page - Linear Technology

No. de pieza LTC2401CMS
Descripción Electrónicos  1-/2-Channel 24-Bit mPower No Latency DSTMADCs in MSOP-10
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTC2401CMS Datasheet(HTML) 5 Page - Linear Technology

  LTC2401CMS Datasheet HTML 1Page - Linear Technology LTC2401CMS Datasheet HTML 2Page - Linear Technology LTC2401CMS Datasheet HTML 3Page - Linear Technology LTC2401CMS Datasheet HTML 4Page - Linear Technology LTC2401CMS Datasheet HTML 5Page - Linear Technology LTC2401CMS Datasheet HTML 6Page - Linear Technology LTC2401CMS Datasheet HTML 7Page - Linear Technology LTC2401CMS Datasheet HTML 8Page - Linear Technology LTC2401CMS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
5
LTC2401/LTC2402
TYPICAL PERFOR A CE CHARACTERISTICS
Total Unadjusted Error (3V Supply)
INPUT VOLTAGE (V)
0
0
5
2.0
24012 G01
–5
–10
0.5
1.0
1.5
2.5
10
VCC = 3V
VREF = 2.5V
TA = –55°C, –45°C, 25°C, 90°C
125
°C
INPUT VOLTAGE (V)
0
0
5
2.0
24012 G02
–5
–10
0.5
1.0
1.5
3.0
2.5
10
VCC = 3V
VREF = 2.5V
TA = –55°C, –45°C, 25°C, 90°C
125
°C
INPUT VOLTAGE (V)
–0.3
–10
–5
0
5
10
–0.25
–0.2
–0.15
–0.1
24012 G03
–0.05
0
TA = 25°C
TA = –45°C
TA = –55°C
TA = 90°C
TA = 125°C
VCC = 3V
VREF = 2.5V
INL (3V Supply)
Negative Extended Input Range
Total Unadjusted Error (3V Supply)
Positive Extended Input Range
Total Unadjusted Error (3V Supply)
Total Unadjusted Error (5V Supply)
INPUT VOLTAGE (V)
2.5
–10
–5
0
5
10
2.55
2.6
2.65
2.7
24012 G04
2.75
2.8
VCC = 3V
VREF = 2.5V
TA = –55°C, –45°C, 25°C, 90°C, 125°C
INPUT VOLTAGE (V)
0
0
5
4
24012 G05
–5
–10
1
2
3
5
10
VCC = 5V
VREF = 5V
TA = –55°C, –45°C, 25°C, 90°C, 125°C
INL (5V Supply)
INPUT VOLTAGE (V)
0
0
5
4
24012 G06
–5
–10
1
2
2.5
5
10
3
0.5
1.5
4.5
3.5
VCC = 5V
VREF = 5V
TA = –55°C, –45°C, 25°C, 90°C, 125°C
Negative Extended Input Range
Total Unadjusted Error (5V Supply)
Offset Error vs Reference Voltage
INPUT VOLTAGE (V)
–0.3
–10
–5
0
5
10
–0.25
–0.2
–0.15
–0.1
24012 G07
–0.05
0
TA = 25°C
TA = –45°C
TA = –55°C
VCC = 5V
VREF = 5V
TA = 90°C
TA = 125°C
Positive Extended Input Range
Total Unadjusted Error (5V Supply)
INPUT VOLTAGE (V)
5.0
–10
–5
0
5
10
5.05
5.1
5.15
5.2
24012 G08
5.25
5.3
TA = 25°C
TA = –45°C
TA = –55°C
TA = 90°C
TA = 125°C
VCC = 5V
VREF = 5V
REFERENCE VOLTAGE (V)
0
30
40
50
4
24012 G09
20
10
0
1
2
3
5
VCC = 5V
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com