Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LTC2401CMS Datasheet(PDF) 23 Page - Linear Technology

No. de pieza LTC2401CMS
Descripción Electrónicos  1-/2-Channel 24-Bit mPower No Latency DSTMADCs in MSOP-10
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTC2401CMS Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC2401CMS Datasheet HTML 19Page - Linear Technology LTC2401CMS Datasheet HTML 20Page - Linear Technology LTC2401CMS Datasheet HTML 21Page - Linear Technology LTC2401CMS Datasheet HTML 22Page - Linear Technology LTC2401CMS Datasheet HTML 23Page - Linear Technology LTC2401CMS Datasheet HTML 24Page - Linear Technology LTC2401CMS Datasheet HTML 25Page - Linear Technology LTC2401CMS Datasheet HTML 26Page - Linear Technology LTC2401CMS Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
23
LTC2401/LTC2402
reference, on a regular FR-4 board, signal propagation
velocity is approximately 183ps/inch for internal traces
and 170ps/inch for surface traces. Thus, a driver gener-
ating a control signal with a minimum transition time of
1ns must be connected to the converter pin through a
trace shorter than 2.5 inches. This problem becomes
particularly difficult when shared control lines are used
and multiple reflections may occur. The solution is to
carefully terminate all transmission lines close to their
characteristic impedance.
Parallel termination near the LTC2401/LTC2402 pin will
eliminate this problem but will increase the driver power
dissipation. A series resistor between 27
Ω and 56Ω
placed near the driver or near the LTC2401/LTC2402 pin
will also eliminate this problem without additional power
dissipation. The actual resistor value depends upon the
trace impedance and connection topology.
Driving the Input and Reference
The analog input and reference of the typical delta-sigma
analog-to-digital converter are applied to a switched ca-
pacitor network. This network consists of capacitors
switching between the analog input (VIN), ZSSET (Pin 5)
and FSSET (Pin 2). The result is small current spikes seen
at both VIN and VREF. A simplified input equivalent circuit
is shown in Figure 15.
The key to understanding the effects of this dynamic
input current is based on a simple first order RC time
constant model. Using the internal oscillator, the
LTC2401/LTC2402’s internal switched capacitor network
is clocked at 153,600Hz corresponding to a 6.5
µs sam-
pling period. Fourteen time constants are required each
time a capacitor is switched in order to achieve 1ppm
settling accuracy.
Therefore, the equivalent time constant at VIN and VREF
should be less than 6.5
µs/14 = 460ns in order to achieve
1ppm accuracy.
Input Current (VIN)
If complete settling occurs on the input, conversion results
will be uneffected by the dynamic input current. If the
settling is incomplete, it does not degrade the linearity
performance of the device. It simply results in an offset/
full-scale shift, see Figure 16. To simplify the analysis of
input dynamic current, two separate cases are assumed:
large capacitance at VIN (CIN > 0.01µF) and small capaci-
tance at VIN (CIN < 0.01µF).
APPLICATIO S I FOR ATIO
FSSET
CH0/CH1
VCC
RSW
5k
AVERAGE INPUT CURRENT:
IIN = 0.25(VIN – 0.5 • VREF)fCEQ
IREF(LEAK)
IREF(LEAK)
VCC
RSW
5k
CEQ
2.5pF (TYP)
RSW
5k
IIN(LEAK)
IIN
24012 F15
IIN(LEAK)
SWITCHING FREQUENCY
f = 153.6kHz FOR INTERNAL OSCILLATOR (fO = LOGIC LOW OR HIGH)
f = fEOSC FOR EXTERNAL OSCILLATORS
ZSSET
Figure 15. LTC2401/LTC2402 Equivalent Analog Input Circuit
ZSSET
TUE
VIN
24012 F16
FSSET
Figure 16. Offset/Full-Scale Shift
If the total capacitance at VIN (see Figure 17) is small
(< 0.01
µF), relatively large external source resistances (up
to 20k for 20pF parasitic capacitance) can be tolerated
without any offset/full-scale error. Figures 18 and 19 show
a family of offset and full-scale error curves for various
small valued input capacitors (CIN < 0.01µF) as a function
of input source resistance.
For large input capacitor values (CIN > 0.01µF), the input
spikes are averaged by the capacitor into a DC current. The
gain shift becomes a linear function of input source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com