Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LTC2401CMS Datasheet(PDF) 8 Page - Linear Technology

No. de pieza LTC2401CMS
Descripción Electrónicos  1-/2-Channel 24-Bit mPower No Latency DSTMADCs in MSOP-10
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTC2401CMS Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2401CMS Datasheet HTML 4Page - Linear Technology LTC2401CMS Datasheet HTML 5Page - Linear Technology LTC2401CMS Datasheet HTML 6Page - Linear Technology LTC2401CMS Datasheet HTML 7Page - Linear Technology LTC2401CMS Datasheet HTML 8Page - Linear Technology LTC2401CMS Datasheet HTML 9Page - Linear Technology LTC2401CMS Datasheet HTML 10Page - Linear Technology LTC2401CMS Datasheet HTML 11Page - Linear Technology LTC2401CMS Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
8
LTC2401/LTC2402
TYPICAL PERFOR A CE CHARACTERISTICS
PIN FUNCTIONS
VCC (Pin 1): Positive Supply Voltage. Bypass to GND
(Pin 6) with a 10
µF tantalum capacitor in parallel with
0.1
µF ceramic capacitor as close to the part as possible.
FSSET (Pin 2): Full-Scale Set Input. This pin defines the
full-scale input value. When VIN = FSSET, the ADC outputs
full scale (FFFFFH). The total reference voltage is
FSSET – ZSSET.
CH0, CH1 (Pins 4, 3): Analog Input Channels. The input
voltage range is – 0.125 • VREF to 1.125 • VREF. For
VREF > 2.5V, the input voltage range may be limited by the
absolute maximum rating of – 0.3V to VCC + 0.3V. Conver-
sions are performed alternately between CH0
and CH1 for the LTC2402. Pin 4 is a No Connect (NC) on
the LTC2401.
ZSSET (Pin 5): Zero-Scale Set Input. This pin defines the
zero-scale input value. When VIN = ZSSET, the ADC
outputs zero scale (00000H).
GND (Pin 6): Ground. Shared pin for analog ground,
digital ground, reference ground and signal ground. Should
be connected directly to a ground plane through a mini-
mum length trace or it should be the single-point-ground
in a single-point grounding system.
CS (Pin 7): Active LOW Digital Input. A LOW on this pin
enables the SDO digital output and wakes up the ADC.
Following each conversion, the ADC automatically enters
the Sleep mode and remains in this low power state as
long as CS is HIGH. A LOW on CS wakes up the ADC. A
LOW-to-HIGH transition on this pin disables the SDO
digital output. A LOW-to-HIGH transition on CS during the
Data Output transfer aborts the data transfer and starts a
new conversion.
SDO (Pin 8): Three-State Digital Output. During the data
output period, this pin is used for serial data output. When
the chip select CS is HIGH (CS = VCC), the SDO pin is in a
high impedance state. During the Conversion and Sleep
periods, this pin can be used as a conversion status out-
put. The conversion status can be observed by pulling CS
LOW.
INL vs Output Rate
OUTPUT RATE (Hz)
0
16
20
80
24012 G28
12
8
20
40
60
100
24
VCC = 5V
VREF = 5V
FO = EXTERNAL
TA = –55°C
TA = 25°C
TA = 90°C
Resolution vs Output Rate
OUTPUT RATE (Hz)
0
16
20
80
24012 G29
12
8
20
40
60
100
24
VCC = 5V
VREF = 5V
FO = EXTERNAL
TA = –55°C
TA = 25°C
TA = 90°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com