Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LTC2401CMS Datasheet(PDF) 17 Page - Linear Technology

No. de pieza LTC2401CMS
Descripción Electrónicos  1-/2-Channel 24-Bit mPower No Latency DSTMADCs in MSOP-10
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTC2401CMS Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC2401CMS Datasheet HTML 13Page - Linear Technology LTC2401CMS Datasheet HTML 14Page - Linear Technology LTC2401CMS Datasheet HTML 15Page - Linear Technology LTC2401CMS Datasheet HTML 16Page - Linear Technology LTC2401CMS Datasheet HTML 17Page - Linear Technology LTC2401CMS Datasheet HTML 18Page - Linear Technology LTC2401CMS Datasheet HTML 19Page - Linear Technology LTC2401CMS Datasheet HTML 20Page - Linear Technology LTC2401CMS Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
17
LTC2401/LTC2402
of CS, the device aborts the data output state and imme-
diately initiates a new conversion. This is useful for
systems not requiring all 32 bits of output data, aborting
an invalid conversion cycle or synchronizing the start of a
conversion.
External Serial Clock, 2-Wire I/O
This timing mode utilizes a 2-wire serial I/O interface. The
conversion result is shifted out of the device by an exter-
nally generated serial clock (SCK) signal, see Figure 7. CS
may be permanently tied to ground (Pin 6), simplifying the
user interface or isolation barrier.
The external serial clock mode is selected at the end of the
power-on reset (POR) cycle. The POR cycle is concluded
approximately 0.5ms after VCC exceeds 2.2V. The level
applied to SCK at this time determines if SCK is internal or
external. SCK must be driven LOW prior to the end of POR
in order to enter the external serial clock timing mode.
Since CS is tied LOW, the end-of-conversion (EOC) can
be continuously monitored at the SDO pin during the
convert and sleep states. EOC may be used as an inter-
rupt to an external controller indicating the conversion
result is ready. EOC = 1 while the conversion is in
progress and EOC = 0 once the conversion enters the low
power sleep state. On the falling edge of EOC, the conver-
sion result is loaded into an internal static shift register.
The device remains in the sleep state until the first rising
edge of SCK. Data is shifted out the SDO pin on each
falling edge of SCK enabling external circuitry to latch
data on the rising edge of SCK. EOC can be latched on the
first rising edge of SCK. On the 32nd falling edge of SCK,
SDO goes HIGH (EOC = 1) indicating a new conversion
has begun.
Internal Serial Clock, Single Cycle Operation
This timing mode uses an internal serial clock to shift out
the conversion result and a CS signal to monitor and
control the state of the conversion cycle, see Figure 8.
In order to select the internal serial clock timing mode, the
serial clock pin (SCK) must be floating (Hi-Z) or pulled
HIGH prior to the falling edge of CS. The device will not
enter the internal serial clock mode if SCK is driven LOW
on the falling edge of CS. An internal weak pull-up resistor
is active on the SCK pin during the falling edge of CS;
therefore, the internal serial clock timing mode is auto-
matically selected if SCK is not externally driven.
Figure 7. External Serial Clock, CS = 0 Operation
APPLICATIO S I FOR ATIO
EOC
BIT 31
SDO
SCK
(EXTERNAL)
CS
MSB
EXR
SIG
CH0/CH1
BIT 0
LSB24
BIT 4
BIT 27
BIT 26
BIT 28
BIT 29
BIT 30
SLEEP
DATA OUTPUT
CONVERSION
24012 F07
CONVERSION
VCC
FO
FSSET
ZSSET
SCK
CH1
SDO
GND
CS
REFERENCE VOLTAGE
ZSSET + 0.1V TO VCC
0V TO FSSET – 100mV
CH0
= INTERNAL OSC/50Hz REJECTION
= EXTERNAL CLOCK SOURCE
= INTERNAL OSC/60Hz REJECTION
1
µF
110
9
2-WIRE SERIAL I/O
8
7
6
2
3
4
5
2.7V TO 5.5V
LTC2402
VCC
ANALOG INPUT RANGE
ZSSET – 0.12VREF TO
FSSET + 0.12VREF
(VREF = FSSET – ZSSET)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com