Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

X9C503PIZ Datasheet(PDF) 2 Page - Renesas Technology Corp

No. de pieza X9C503PIZ
Descripción Electrónicos  Digitally Controlled Potentiometer (XDCP™)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9C503PIZ Datasheet(HTML) 2 Page - Renesas Technology Corp

  X9C503PIZ Datasheet HTML 1Page - Renesas Technology Corp X9C503PIZ Datasheet HTML 2Page - Renesas Technology Corp X9C503PIZ Datasheet HTML 3Page - Renesas Technology Corp X9C503PIZ Datasheet HTML 4Page - Renesas Technology Corp X9C503PIZ Datasheet HTML 5Page - Renesas Technology Corp X9C503PIZ Datasheet HTML 6Page - Renesas Technology Corp X9C503PIZ Datasheet HTML 7Page - Renesas Technology Corp X9C503PIZ Datasheet HTML 8Page - Renesas Technology Corp X9C503PIZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
X9C102, X9C103, X9C104, X9C503
FN8222 Rev 4.00
Page 2 of 12
Jan 11, 2019
Ordering Information
PART
NUMBER
PART
MARKING
RTOTAL
(k
)
TEMP RANGE
(°C)
PACKAGE
(RoHS Compliant)
PACKAGE
DWG. #
X9C102PZ (Notes 2, 3)
X9C102P Z
1
0 to +70
8 Ld PDIP
MDP0031
X9C102PIZ (Notes 2, 3)
X9C102P ZI
-40 to +85
8 Ld PDIP
MDP0031
X9C102SZ (Notes 1, 2)
X9C102S Z
0 to +70
8 Ld SOIC
M8.15E
X9C102SIZ (Notes 1, 2)
X9C102S ZI
-40 to +85
8 Ld SOIC
M8.15E
X9C103PZ (Notes 2, 3)
X9C103P Z
10
0 to +70
8 Ld PDIP
MDP0031
X9C103PIZ (Notes 2, 3)
X9C103P ZI
-40 to +85
8 Ld PDIP
MDP0031
X9C103SZ (Notes 1, 2)
X9C103S Z
0 to +70
8 Ld SOIC
M8.15
X9C103SIZ (Notes 1, 2)
X9C103S ZI
-40 to +85
8 Ld SOIC
M8.15
X9C503PZ (Notes 2, 3)
X9C503P Z
50
0 to +70
8 Ld PDIP
MDP0031
X9C503PIZ (Notes 2, 3)
X9C503P ZI
-40 to +85
8 Ld PDIP
MDP0031
X9C503SZ (Notes 1, 2)
X9C503S Z
0 to +70
8 Ld SOIC
M8.15E
X9C503SIZ (Notes 1, 2)
X9C503S ZI
-40 to +85
8 Ld SOIC
M8.15E
X9C104PIZ (Notes 2, 3)
X9C104P ZI
100
-40 to +85
8 Ld PDIP
MDP0031
X9C104SZ (Notes 1, 2)
X9C104S Z
0 to +70
8 Ld SOIC
M8.15E
X9C104SIZ (Notes 1, 2)
X9C104S ZI
-40 to +85
8 Ld SOIC
M8.15E
NOTES:
1. Add “T1” suffix for tape and reel. See TB347 for details about reel specifications.
2. These Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin
plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Pb-free
products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. Pb-free PDIPs can be used for through-hole wave solder processing only. They are not intended for use in Reflow solder processing applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com