Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

X9C503PIZ Datasheet(PDF) 5 Page - Renesas Technology Corp

No. de pieza X9C503PIZ
Descripción Electrónicos  Digitally Controlled Potentiometer (XDCP™)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9C503PIZ Datasheet(HTML) 5 Page - Renesas Technology Corp

  X9C503PIZ Datasheet HTML 1Page - Renesas Technology Corp X9C503PIZ Datasheet HTML 2Page - Renesas Technology Corp X9C503PIZ Datasheet HTML 3Page - Renesas Technology Corp X9C503PIZ Datasheet HTML 4Page - Renesas Technology Corp X9C503PIZ Datasheet HTML 5Page - Renesas Technology Corp X9C503PIZ Datasheet HTML 6Page - Renesas Technology Corp X9C503PIZ Datasheet HTML 7Page - Renesas Technology Corp X9C503PIZ Datasheet HTML 8Page - Renesas Technology Corp X9C503PIZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
X9C102, X9C103, X9C104, X9C503
FN8222 Rev 4.00
Page 5 of 12
Jan 11, 2019
Power-up and Down Requirements
At all times, voltages on the potentiometer pins must be less
than ±VCC. The recall of the wiper position from non-volatile
memory is not in effect until the VCC supply reaches its final
value. The VCC ramp rate specification is always in effect.
AC OPERATION CHARACTERISTICS
tCl
CS to INC Setup
100
ns
tlD
INC HIGH to U/D Change
100
ns
tDI
U/D to INC Setup
2.9
µs
tlL
INC LOW Period
1
µs
tlH
INC HIGH Period
1
µs
tlC
INC Inactive to CS Inactive
1
µs
tCPH
CS Deselect Time (STORE)
20
ms
tCPH
CS Deselect Time (NO STORE)
100
ns
tIW (5)
INC to VW/RW Change
100
µs
tCYC
INC Cycle Time
2
µs
tCYC
INC Input Rise and Fall Time
500
µs
tR, tF
Power-up to Wiper Stable (Note 8)
500
µs
tPU
VCC Power-up Rate (Note 8)
0.2
50
V/ms
NOTES:
4. Absolute linearity is utilized to determine actual wiper voltage vs expected voltage = [VW(n)(actual) - VW(n)(expected )] = ±1 MI Maximum.
5. Relative linearity is a measure of the error in step size between taps = VW(n + 1) - [VW(n) + MI] = +0.2 MI.
6. 1 MI = Minimum Increment = RTOT/99.
7. Typical values are for TA = +25°C and nominal supply voltage.
8. This parameter is not 100% tested.
Electrical Specifications
Over recommended operating conditions unless otherwise stated. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
MIN
TYP
(Note 7)
MAX
Test Circuit #1
TEST POINT
Vw/RW
VR/RH
VL/RL
VS
Test Circuit #2
FORCE
VL/RL
VW/Rw
VH/RH
TEST POINT
CURRENT
Circuit #3 SPICE Macro Model
CW
RTOTAL
RL
RH
CL
RW
10pF
CL
10pF
25pF
Endurance and Data Retention
PARAMETER
MIN
UNIT
Medium Endurance
100,000
Data changes per bit
per register
Data Retention
100
years
AC Conditions of Test
Input Pulse Levels
0V to 3V
Input Rise and Fall Times
10ns
Input Reference Levels
1.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com