Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

X9C503PIZ Datasheet(PDF) 3 Page - Renesas Technology Corp

No. de pieza X9C503PIZ
Descripción Electrónicos  Digitally Controlled Potentiometer (XDCP™)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9C503PIZ Datasheet(HTML) 3 Page - Renesas Technology Corp

  X9C503PIZ Datasheet HTML 1Page - Renesas Technology Corp X9C503PIZ Datasheet HTML 2Page - Renesas Technology Corp X9C503PIZ Datasheet HTML 3Page - Renesas Technology Corp X9C503PIZ Datasheet HTML 4Page - Renesas Technology Corp X9C503PIZ Datasheet HTML 5Page - Renesas Technology Corp X9C503PIZ Datasheet HTML 6Page - Renesas Technology Corp X9C503PIZ Datasheet HTML 7Page - Renesas Technology Corp X9C503PIZ Datasheet HTML 8Page - Renesas Technology Corp X9C503PIZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
X9C102, X9C103, X9C104, X9C503
FN8222 Rev 4.00
Page 3 of 12
Jan 11, 2019
Pin Descriptions
PIN
NUMBER
PIN NAME
DESCRIPTION
1INC
INCREMENT The INC input is negative-edge triggered. Toggling INC will move the wiper and either increment or
decrement the counter in the direction indicated by the logic level on the U/D input.
2U/D
UP/DOWN The U/D input controls the direction of the wiper movement and whether the counter is incremented or
decremented.
3VH/RH
VH/RH The high (VH/RH) terminals of the X9C102, X9C103, X9C104, X9C503 are equivalent to the fixed terminals of
a mechanical potentiometer. The minimum voltage is -5V and the maximum is +5V. The terminology of VH/RH and VL/RL
references the relative position of the terminal in relation to wiper movement direction selected by the U/D input and
not the voltage potential on the terminal.
4VSS
VSS
5VW/RW
VW/RW VW/RW is the wiper terminal and is equivalent to the movable terminal of a mechanical potentiometer. The
position of the wiper within the array is determined by the control inputs. The wiper terminal series resistance is typically
40
.
6RL/VL
RL/VL The low (VL/RL) terminals of the X9C102, X9C103, X9C104, X9C503 are equivalent to the fixed terminals of a
mechanical potentiometer. The minimum voltage is -5V and the maximum is +5V. The terminology of VH/RH and VL/RL
references the relative position of the terminal in relation to wiper movement direction selected by the U/D input and
not the voltage potential on the terminal.
7CS
CS The device is selected when the CS input is LOW. The current counter value is stored in non-volatile memory when
CS is returned HIGH while the INC input is also HIGH. After the store operation is complete the X9C102, X9C103,
X9C104, X9C503 device will be placed in the low power standby mode until the device is selected once again.
8VCC
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com