Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

X9C503PIZ Datasheet(PDF) 6 Page - Renesas Technology Corp

No. de pieza X9C503PIZ
Descripción Electrónicos  Digitally Controlled Potentiometer (XDCP™)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9C503PIZ Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button X9C503PIZ Datasheet HTML 2Page - Renesas Technology Corp X9C503PIZ Datasheet HTML 3Page - Renesas Technology Corp X9C503PIZ Datasheet HTML 4Page - Renesas Technology Corp X9C503PIZ Datasheet HTML 5Page - Renesas Technology Corp X9C503PIZ Datasheet HTML 6Page - Renesas Technology Corp X9C503PIZ Datasheet HTML 7Page - Renesas Technology Corp X9C503PIZ Datasheet HTML 8Page - Renesas Technology Corp X9C503PIZ Datasheet HTML 9Page - Renesas Technology Corp X9C503PIZ Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
X9C102, X9C103, X9C104, X9C503
FN8222 Rev 4.00
Page 6 of 12
Jan 11, 2019
AC Timing Diagram
Pin Descriptions
RH/VH and RL/VL
The high (VH/RH) and low (VL/RL) terminals of the ISLX9C102,
X9C103, X9C104, X9C503 are equivalent to the fixed
terminals of a mechanical potentiometer. The minimum voltage
is -5V and the maximum is +5V. The terminology of VH/RH and
V
L
/R
L
references the relative position of the terminal in relation
to wiper movement direction selected by the U/D input and not
the voltage potential on the terminal.
RW/VW
VW/RW is the wiper terminal, and is equivalent to the movable
terminal of a mechanical potentiometer. The position of the
wiper within the array is determined by the control inputs. The
wiper terminal series resistance is typically 40
.
Up/Down (U/D)
The U/D input controls the direction of the wiper movement
and whether the counter is incremented or decremented.
Increment (INC)
The INC input is negative-edge triggered. Toggling INC will
move the wiper and either increment or decrement the counter
in the direction indicated by the logic level on the U/D input.
Chip Select (CS)
The device is selected when the CS input is LOW. The current
counter value is stored in non-volatile memory when CS is
returned HIGH while the INC input is also HIGH. After the store
operation is complete the ISLX9C102, X9C103, X9C104,
X9C503 device will be placed in the low power standby mode
until the device is selected once again.
Principles of Operation
There are three sections of the X9C102, X9C103, ISL9C104
and ISL9C503: the input control, counter and decode section;
the non-volatile memory; and the resistor array. The input control
section operates just like an up/down counter. The output of this
counter is decoded to turn on a single electronic switch
connecting a point on the resistor array to the wiper output.
Under the proper conditions, the contents of the counter can be
stored in non-volatile memory and retained for future use. The
resistor array is comprised of 99 individual resistors connected
in series. At either end of the array and between each resistor is
an electronic switch that transfers the potential at that point to
the wiper.
The wiper, when at either fixed terminal, acts like its
mechanical equivalent and does not move beyond the last
position. That is, the counter does not wrap around when
clocked to either extreme.
The electronic switches on the device operate in a
“make-before-break” mode when the wiper changes tap
positions. If the wiper is moved several positions, multiple taps
are connected to the wiper for tIW (INC to VW/RW change). The
RTOTAL value for the device can temporarily be reduced by a
significant amount if the wiper is moved several positions.
When the device is powered-down, the last wiper position
stored will be maintained in the non-volatile memory. When
power is restored, the contents of the memory are recalled and
the wiper is reset to the value last stored.
The internal charge pump allows a wide range of voltages
(from -5V to 5V) applied to XDCP terminals yet given a
convenience of single power supply. The typical charge pump
noise of 20mV at 850kHz should be taken in consideration
when designing an application circuit.
CS
INC
U/D
VW
tCI
tIL
tIH
tCYC
tID
tDI
tIW
MI
tIC
tCPH
tF
tR
10%
90%
90%
(NOTE)
NOTE: MI REFERS TO THE MINIMUM INCREMENTAL CHANGE IN THE VW OUTPUT DUE TO A CHANGE IN THE WIPER POSITION.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com